Electronic Components Datasheet Search
  English  ▼

X  

LM62 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM62 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM62 Datasheet HTML 3Page - Texas Instruments LM62 Datasheet HTML 4Page - Texas Instruments LM62 Datasheet HTML 5Page - Texas Instruments LM62 Datasheet HTML 6Page - Texas Instruments LM62 Datasheet HTML 7Page - Texas Instruments LM62 Datasheet HTML 8Page - Texas Instruments LM62 Datasheet HTML 9Page - Texas Instruments LM62 Datasheet HTML 10Page - Texas Instruments LM62 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM62
www.ti.com
SNIS105E – JUNE 1999 – REVISED MARCH 2013
Capacitive Loads
The LM62 handles capacitive loading well. Without any special precautions, the LM62 can drive any capacitive
load as shown in Figure 13. Over the specified temperature range the LM62 has a maximum output impedance
of 4.7 k
Ω. In an extremely noisy environment it may be necessary to add some filtering to minimize noise pickup.
It is recommended that 0.1
μF be added from +VS to GND to bypass the power supply voltage, as shown in
Figure 14. In a noisy environment it may be necessary to add a capacitor from the output to ground. A 1
μF
output capacitor with the 4.7 k
Ω maximum output impedance will form a 34 Hz lowpass filter. Since the thermal
time constant of the LM62 is much slower than the 30 ms time constant formed by the RC, the overall response
time of the LM62 will not be significantly affected. For much larger capacitors this additional time lag will increase
the overall response time of the LM62.
Figure 13. LM62 No Decoupling Required for Capacitive Load
Figure 14. LM62 with Filter for Noisy Environment
Figure 15. Simplified Schematic
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com