Electronic Components Datasheet Search
  English  ▼

X  

G793 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G793
Description  Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G793 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G793 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.0
Oct 18, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G793/G794
Global Mixed-mode Technology Inc.
Two Remote and One Local Temperature Sensors
and 3/4 Fan Controllers with SMBus Interface
Features
Measures Two Remote and One Local Tem-
peratures
Adjustable Offset for Each Sensor via SMBus
Accuracy: Remote
±1°C (+20°C to +80°C)
±3°C (-10°C to +120°C)
+4.5V to +5.5V Supply Range
Alert Signal for Diode Fault, Fan Fail, and Fan
Out of Control
Supports SMBus Alert Response
Fan Drivers Using Linear Control Algorithm
Closed Loop Speed Control and programmable
8 Bits Open Loop Voltage Control for Fan
Wide speed control range for Fan, Accuracy
within 2%, when FANx_SET_CNT > 50
Internal Current-limit and Over-temperature
Protection for the Fan Controllers
Build-In Inverters for Driving Crystal
20-Pin TSSOP Package
Applications
Projector, LCD TV, PDP TV
Desktop and Notebook
Central Office Computers
Telecom Equipments
Industrial Controls
LAN Servers
General Description
The G793/G794 contains 3 precise digital thermome-
ters, 3/4 fan controllers, fan failure detection.
The thermometers report the temperature of 2 remote
sensors and 1 local sensor. The remote sensors are di-
ode-connected transistors typically a low-cost, easily
mounted 2N3904 NPN type or the diode built-in in CPU.
Remote accuracy is ±1°C for multiple transistor manu-
facturer. Local accuracy is ±3°C. The G793/G794 also
support offset adjust function via SMBus to fix the error
due to different CPU diode or parasitic resistors.
The 2-wire serial interface accepts standard System
Management Bus (SMBus
TM) Write Byte, Read Byte,
Send Byte, and Receive Byte commands. The SMBus
address is 72h for write and 73h for read.
G793/G794 contains 3/4 controllers. FAN controller per-
forms closed-loop and open-loop control. G793/G794
determines the current fan speed based on the FG inputs
and an externally supplied 32.768kHz clock. The driving
ability is 5mA. G793/G794 also provides ALERT for fan
fail and out of control event.
SMBus
TM is a trademark of Intel Corp
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G793D5U
G793
-55°C to +125°C
TSSOP-20
G794D5U
G794
-55°C to +125°C
TSSOP-20
Note: D5: TSSOP-20
U: Tape & Reel
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at
any time without notice to change said circuitry and specifications.
Pin Configuration
FAN3
FG3
NC
GND
DVCC
SCL
FAN2
FAN1
FG1
ALERT
AVCC
DXP1
SGND1
DXP2
SGND2
G793
TSSOP-20
5
6
7
8
9
10
1
4
3
2
FG2
SDA
X2
X1/CLK
FAN3
FG3
FAN4
FG4
GND
DVCC
SCL
FAN2
FAN1
FG1
ALERT
AVCC
DXP1
SGND1
DXP2
SGND2
G794
TSSOP-20
13
20
19
18
17
16
15
5
6
7
8
9
10
1
4
3
2
14
FG2
SDA
11
12
X2
X1/CLK
NC
13
20
19
18
17
16
15
14
11
12
FAN3
FG3
NC
GND
DVCC
SCL
FAN2
FAN1
FG1
ALERT
AVCC
DXP1
SGND1
DXP2
SGND2
G793
TSSOP-20
5
6
7
8
9
10
1
4
3
2
FG2
SDA
X2
X1/CLK
FAN3
FG3
FAN4
FG4
GND
DVCC
SCL
FAN2
FAN1
FG1
ALERT
AVCC
DXP1
SGND1
DXP2
SGND2
G794
TSSOP-20
13
20
19
18
17
16
15
5
6
7
8
9
10
1
4
3
2
14
FG2
SDA
11
12
X2
X1/CLK
NC
13
20
19
18
17
16
15
14
11
12


Similar Part No. - G793

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
G793 EDAL-G793 Datasheet
626Kb / 2P
Silicon Power Rectifiers
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7931 GMT-G7931 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7932 GMT-G7932 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
More results

Similar Description - G793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7951 GMT-G7951 Datasheet
35Kb / 2P
Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
G7932 GMT-G7932 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com