Electronic Components Datasheet Search
  English  ▼

X  

3KW Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 3KW
Description  3.0 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

3KW Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  3KW Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL SPECIFICATION
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
DataSheetNo.BPTD-3000D-1A
POWEROVERETHERNET(PoE)
EQUIPMENTPROTECTION
3.0KP BIPOLARTRANSIENTVOLTAGESUPPRESSORDIODECELLS
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
Breakdown Voltage (I = 100 mA dc, Tc = 25 C)
R
o
PARAMETER(TESTCONDITIONS)
Maximum Recurrent Peak Reverse Voltage
Non-repetitive Peak Forward Surge Current
(Half wave, Single phase, 60 Hz sine applied to rated load)
Repetitive Peak Reverse Surge Current (Time constant = 10 mSec
Duty cycle < 1.0%, Tc = 25 C)
o
Average Rectified Forward Current (Single phase, Resistive load,
60 Hz)
Maximum Thermal Resistance, Junction to Slug (Note 1)
Junction Operating & Storage Temperature Range
Maximum DC Reverse Current (V = 20V DC, Tc = 25 C)
R
O
Instantaneous Forward Voltage
(I = 80A @300 Sec pulse, T = 25 C)
F
C
m
o
Maximum DC Blocking Voltage
Working Peak Reverse Voltage
Series Number
IR
RGJC
T ,T
J STG
V(BR)
VRWM
VDC
VRRM
SYMBOL
24 Min / 32 Max
200
0.8
-65 to +175
110
500
1.05
23
35
TVS3527D
RATINGS
VOLTS
°C/W
°C
AMPS
UNITS
VOLTS
nA
IO
IRSM
IFSM
3.01 tvs35d
1.00
Maximum
Typical
Notes: 1) Single Side Cooled
B
A
C
Passivation
Proprietary Junction
Silver Plated
Copper Slugs
Silicon Die
DieSize:
0.185"Dia.
Round
DIM
A
B
C
INCHES
+/-
NOM
0.215
0.190
0.083
0.003
0.003
0.004
Ratings at 25 °C ambient temperature unless otherwise specified.
PARAMETER
Series Number
SYMBOL
RATINGS
IT
Test Current (To Determine V )
BR
Breakdown Voltage (Cells Begin to Conduct) (See Note 1)
VBR
UNITS
BP3-23
2.0
33 (Max)
91 Min
AMPS
20
2
VOLTS
mA
AMPS
37.5 Max
VOLTS
800 Min
23.3 Min +/- 5%
FEATURES
MECHANICAL DATA
RoHSCOMPLIANT
VOIDFREEVACUUMDIESOLDERINGForLowest
Electrical/ThermalResistance AndMaximum
MechanicalStrength&HeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
RoundDieForHighPowerHeavyDutyPerformance
HighHeatHandlingCapabilityWithVeryLow
ThermalStress
ProprietaryJunctionPassivationForSuperior
Reliability AndPerformance
Finish:
SolderingTemperature:282 Cmaximum
MountingPosition: Any
Polarity:Bipolar
o
Allexternalsurfacesaresilverplatedforcorrosion
resistancesuperiorsolderability
Reverse Stand Off Voltage (Voltage at Which I Measured)
R
Clamping Voltage During a 10/1000
Transient
mS
Maximum Current Conducted During a
Transient
10/1000 S
m
VWM
IPPM(10)
Maximum Current Conducted at VWM
IR
Maximum Current Conducted During 8/20 S Transient
m
IPPM(8)
VC(8)
Clamping Voltage During 8/20 S Transient
m
VC(10)
FEATURES
MECHANICAL DATA
RoHSCOMPLIANT
LowestElectrical&ThermalResistance-Ideally
SuitedForPreventingOvervoltage/Overcurrent
DamagetoPoweroverEthernet(PoE)Equipment
VOIDFREEVACUUMDIESOLDERINGForLowest
Electrical/ThermalResistance AndMaximum
MechanicalStrength&HeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
RoundDieForHighPowerHeavyDutyPerformance
HighHeatHandlingCapabilityWithVeryLow
ThermalStress
ProprietaryJunctionPassivationForSuperior
Reliability AndPerformance
Finish:
SolderingTemperature:282 Cmaximum
MountingPosition: Any
Polarity:Bipolar
o
Allexternalsurfacesaresilverplatedforcorrosion
resistancesuperiorsolderability
Notes: (1) Diode cell breakdown voltage can be tailored to meet your specific application requirements. Please Contact Us
for details.


Similar Part No. - 3KW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3KWW1ARW ETC2-3KWW1ARW Datasheet
92Kb / 3P
General Purpose and Precision Wirewound Resistor
More results

Similar Description - 3KW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
Transient Voltage Suppressor Diode, 1500W
logo
DIOTEC Electronics Corp...
BPTD-1500D-1A DEC-BPTD-1500D-1A Datasheet
63Kb / 1P
1.5 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
BPTD-3000D-1A DEC-BPTD-3000D-1A Datasheet
63Kb / 1P
3.0 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
BPTD-6000D-1A DEC-BPTD-6000D-1A Datasheet
62Kb / 1P
6.0 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
1-5KW DEC-1-5KW Datasheet
63Kb / 1P
1.5 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
6KW DEC-6KW Datasheet
62Kb / 1P
6.0 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1_14 Datasheet
54Kb / 4P
Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com