Electronic Components Datasheet Search
  English  ▼

X  

04SBL Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 04SBL
Description  4 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

04SBL Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  04SBL Datasheet HTML 1Page - DIOTEC Electronics Corporation 04SBL Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES SB400L - SB410L and SERIES ASB404L - ASB408L
Data Sheet No. BRSB-400-2C
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
3.0
1.0
0
2.0
4.0
5.0
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
4 AMP SILICON BRIDGE RECTIFIERS
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
60Hz
E16
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
Resistive or Inductive Loads
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
NOTE 4
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
NOTES
(1) Bridge Mounted on 3.0" Sq. x 0.11" Thick (7.5cm Sq. x 015cm)
Aluminum Plate
(2) T = 125 C
(3) T = 25 C; Pulse Width = 300 Sec; 1%Duty Cycle
m
(4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p
NOTE 1
NOTE 2
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.1
1.0
10
NOTE 3
ABSB-400-2C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com