Electronic Components Datasheet Search
  English  ▼

X  

04SBU Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 04SBU
Description  4 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

04SBU Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  04SBU Datasheet HTML 1Page - DIOTEC Electronics Corporation 04SBU Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BSBU-400-1C
MECHANICAL SPECIFICATION
4 AMP SILICON BRIDGE RECTIFIERS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
E19
0.895
22.70
23.24
0.915
C
C1
4.2
0.165
0.185
L
L1
1.0
25.4
n/a
n/a
n/a
n/a
C2
D
D1
D2
D3
0.140
0.160
3.6
4.1
0.760
19.3
10.3
11.3
0.405
0.455
0.065
0.085
1.7
2.2
0.660
0.700
16.5
17.8
0.180
0.260
4.57
6.8
4.7
SERIES SBU4A - SBU4M
UL RECOGNIZED - FILE #E124962
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 200 AMPS PEAK
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
MECHANICAL DATA
RoHS COMPLIANT


Similar Part No. - 04SBU

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
04SB3 DELTA-04SB3 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
04SB3 DELTA-04SB3 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
04SB3 DELTA-04SB3 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
04SB3M DELTA-04SB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
04SB3M DELTA-04SB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
More results

Similar Description - 04SBU

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
KBL00 DEC-KBL00 Datasheet
349Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
SB400L DEC-SB400L Datasheet
392Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
SBU4A DEC-SBU4A Datasheet
469Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BKBL-400-1C DEC-BKBL-400-1C Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
BRSB-400-1C DEC-BRSB-400-1C Datasheet
394Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
BSBU-400-1C DEC-BSBU-400-1C Datasheet
472Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
04SBL DEC-04SBL Datasheet
394Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com