Electronic Components Datasheet Search
  English  ▼

X  

05SB Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 05SB
Description  5 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

05SB Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  05SB Datasheet HTML 1Page - DIOTEC Electronics Corporation 05SB Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRSB-500-1C
MECHANICAL SPECIFICATION
5 AMP SILICON BRIDGE RECTIFIERS
Case:
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.38 Ounces (10.6 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 55 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
RATINGS
UNITS
VOLTS
SB
SB
SB
SB
SB
SB
SB
50
100
200
400
1000
35
70
140
280
700
5
Peak Forward Surge Current.
T = 150 C
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method).
Maximum Forward Voltage (Per Diode) at 5 Amps DC
VOLTS
AMPS
V
I
200
1.0 (Typical < 0.95)
Typical Thermal Resistance
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
R
R
°C/W
A
@ T = 25 C
@ T = 100 C
1
50
17
3.3
E21
600
800
50
100
200
400
1000
600
800
420
560
500
501
502
504
506
508
510
C1
B2
B1
B1
D1
C
B
A1
L
D
A
AC
+
_
MILLIMETERS
SB5 PACKAGE SHOWN ACTUAL SIZE
SERIES SB500 - SB510
SB506
712
+
_
Junction to Ambient (Note 1)
Junction to Lead (Note 1)
Junction Operating Temperature Range
T T
°C
-55 to +150
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 200 AMPS PEAK
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
RELIABLE LOW-COST MOLDED PLASTIC CONSTRUCTION
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
VOLTS
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
2500
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - 05SB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05S101-K026 ROSENBERGER-05S101-K026 Datasheet
578Kb / 3P
Calibration Kit
05S101-K033 ROSENBERGER-05S101-K033 Datasheet
578Kb / 3P
Calibration Kit
05S101-K061 ROSENBERGER-05S101-K061 Datasheet
578Kb / 3P
Calibration Kit
05S101-K100 ROSENBERGER-05S101-K100 Datasheet
398Kb / 3P
Airline Plug / Jack
05S101-K100/20D ROSENBERGER-05S101-K100/20D Datasheet
147Kb / 3P
Verification Kit
More results

Similar Description - 05SB

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
5 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRSB-500-1C DEC-BRSB-500-1C Datasheet
320Kb / 2P
5 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
25DBP DEC-25DBP Datasheet
137Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com