Electronic Components Datasheet Search
  English  ▼

X  

08SBU Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 08SBU
Description  8 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

08SBU Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  08SBU Datasheet HTML 1Page - DIOTEC Electronics Corporation 08SBU Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. BSBU-800-1D
MECHANICAL SPECIFICATION
8 AMP SILICONBRIDGERECTIFIERS
Case:
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any. Max. mounting torque = 5 in lb
Weight: 0.3 Ounces (8 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
Average Forward Rectified Current
PARAMETER(TESTCONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
RATINGS
UNITS
VOLTS
SBU
SBU
SBU SBU SBU SBU
SBU
50
100
200
400
1000
35
70
140
280
700
8
600
800
50
100
200
400
1000
600
800
420
560
8A
8B
8D
8G
8J
8K
8M
B1
L
L1
D3
D
C2
D2
D1
C1
A1
D
A
B
+
_
C
+
_
SERIESSBU8A -SBU8M
UL RECOGNIZED-FILE#E124962
5.59
4.7
0.185
0.220
1.22
1.32 0.048 0.052
6.6
7.1
0.260 0.280
0.205
5.2
4.57
0.180
A
A1
B
B1
0.895
22.7
23.24
0.915
C
C1
4.2
0.165 0.185
L
L1
1.0
25.4
n/a
n/a
n/a
n/a
C2
D
D1
D2
D3
0.140 0.160
3.6
4.1
0.760
19.3
10.3
11.3
0.405 0.455
0.065 0.085
1.7
2.2
0.660 0.700
16.5
17.8
0.180 0.260
4.57
6.8
4.7
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
SYM
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). T = 150 C
J
O
Maximum Forward Voltage (Per Diode) at 8 Amps DC
VOLTS
AMPS
VFM
IFSM
400
0.95 (Typ. 0.90)
Typical Thermal Resistance
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJA
RGJC
°C/W
mA
@ T = 25 C
A
o
@ T = 125 C
A
o
1
50
3
16
E29
(1) Bridge mounted on 3.2" sq. x 0.12" thick (8.2cm sq. x 0.3cm) aluminum plate
(2) Bridge mounted on PC Board
0.375" (9.5mm)
(3)
with 0.5" sq. (12mm sq.) copper pads and bridge lead length of
Bolt bridge on heat sink with #6 screw, using silicon thermal compound between bridge and mounting surface for maximum heat transfer.
T = 100 C (Notes 1, 3)
C
o
Junction to Ambient (Note 2)
Junction to Case (Note 1)
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
SURGEOVERLOADRATINGTO400 AMPSPEAK
THRU-HOLEFOREASY HEATSINKMOUNTING
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
VOLTS
Minimum Insulation Breakdown Voltage (Circuit to Case)
VISO
2500
NOTES:
Operating and Storage Temperature Range
TJ ,TSTG
°C
-55 to +150
RoHSCOMPLIANT
Looking for: KBU8A, KBU8B, KBU8D, KBU8G
KBU8J, KBU8K, KBU8M?
or
GBU8A, GBU8B, GBU8D, GB8G, GBU8J,GBU8K,
GBU8M?


Similar Part No. - 08SBU

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
08SBUS DEC-08SBUS Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
More results

Similar Description - 08SBU

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB800 DEC-DB800 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DT8C00 DEC-DT8C00 Datasheet
318Kb / 1P
8 AMP SILICON BRIDGE RECTIFIERS
SBU8A DEC-SBU8A Datasheet
448Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-800-1C DEC-BRDB-800-1C Datasheet
408Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08DB DEC-08DB Datasheet
408Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com