Electronic Components Datasheet Search
  English  ▼

X  

08SBUS Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 08SBUS
Description  8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

08SBUS Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  08SBUS Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL DATA
FEATURES
DataSheetNo.BSBUS-800-1A
MECHANICAL SPECIFICATION
8 AMP
FASTSWITCHINGBRIDGERECTIFIERS
SOFTRECOVERY
Case: Molded epoxy, U/L Flammability Rating 94V-0
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any. Max. mounting torque = 5 in lb
Weight: 0.28 Ounces (8 Grams)
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
F15
4.7
1.22
6.6
7.1
0.260 0.280
0.205
5.2
4.57
0.180
A
A1
B
B1
22.70
C
C1
4.2
L
L1
25.4
C2
D
D1
D2
D3
0.140 0.160
3.6
4.1
0.760
19.3
10.3
11.3
0.405 0.455
0.065 0.085
1.7
2.2
0.660 0.700
16.5
17.8
0.180 0.260
4.57
6.8
4.7
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
SYM
B1
L
L1
D3
D
C2
D2
D1
C1
A1
D
A
B
+
_
C
+
_
UL RECOGNIZED-FILE#E124962
Average Forward Rectified Current, T = 100 C (Note 2)
C
o
PARAMETER(TESTCONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
SBU
SBU
RATINGS
SBU SBU SBU
50
100
200
400
35
70
140
280
8
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage (Per Diode) at 4 Amps DC
VFM
IFSM
300
1.25
Maximum Average DC Reverse Current At Rated
DC Blocking Voltage
IRM
@ T = 25 C
A
o
@ T = 125 C
A
o
1.0
50
TRR
600
50
100
200
400
600
420
8A-S 8B-S 8D-S 8G-S 8J-S
Maximum Reverse Recovery Time
150 (Typ. 100)
RGJC
3
Typical Thermal Resistance, Junction to Case (Note 2)
Junction Operating and Storage Temperature Range
T T
J, STG
-55 to +150
UNITS
VOLTS
VOLTS
AMPS
mA
1.03 06fdb-S
°C/W
°C
nS
NOTES: (1) Bolt bridge on heat sink
silicon thermal compound between bridge and mounting surface for maximum heat transfer.
(2) Bridge mounted on 4.0" sq. x 0.11" thick (10.5cm sq. x 0.3cm) aluminum plate
with #6 screw, using
WideRangeof Applications:MotorSpeedControllers.
Inverters,Converters,Choppers,PowerSupplies,etc.
VOIDFREEVacuumDieSolderingForMaximum
MechanicalStrength AndHeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
TRUESOFTRECOVERY CHARACTERISTICWITH
NORINGING,SPIKES,orOVERSHOOT
HIGHFREQUENCY:250kHz
FASTRECOVERY:100nS-150nS
UNMATCHEDPERFORMANCE-MinimalRFI/EMI,
ReducedPowerLosses,ExtremelyCoolOperation
IncreasedPowerSupplyEfficiency
ProprietaryJunctionPassivationForSuperior
ReliabilityandPerformance
Ro
HS
CO
MPL
IAN
T


Similar Part No. - 08SBUS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - 08SBUS

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
SFR101S TSC-SFR101S_1 Datasheet
241Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
logo
DIOTEC Electronics Corp...
BSBUS-800-1A DEC-BSBUS-800-1A Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
SRDB-3500P-1A DEC-SRDB-3500P-1A Datasheet
113Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
FRSDBS-5000-1A DEC-FRSDBS-5000-1A Datasheet
59Kb / 1P
50 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
35DBPS DEC-35DBPS Datasheet
107Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
50SDBS DEC-50SDBS Datasheet
59Kb / 1P
50 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
150WBS DEC-150WBS Datasheet
67Kb / 1P
1.5 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR151 LUGUANG-SFR151 Datasheet
617Kb / 2P
1.5 AMP. Soft Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com