Electronic Components Datasheet Search
  English  ▼

X  

15DBP Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 15DBP
Description  15 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

15DBP Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  15DBP Datasheet HTML 1Page - DIOTEC Electronics Corporation 15DBP Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DataSheetNo.BRDB-1500P-1C
ADBD-1500P-1C
MECHANICAL SPECIFICATION
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
E37
15 AMP SILICONBRIDGERECTIFIERS
MECHANICAL DATA
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
WorkingPeakReverseVoltage
SeriesNumber
VRWM
VRRM
VR (RMS)
VRM
SYMBOL
ADB ADB ADB
DB
DB
DB
DB
DB
DB
DB
UNITS
VOLTS
1504P 1506P 1508P 1500P 1501P 1502P 1504P 1506P 1508P 1510P
1000
400 600 800
50 100 200 400 600 800
RMSReverseVoltage
280 420 560
35
70 140 280 420
700
560
CONTROLLED
AVALANCHE
NON-CONTROLLED
AVALANCHE
RATINGS
SERIES:DB1500P -DB1510P and ADB1504P - ADB1508P
Suffix "T" indicates FAST-ON TERMINALS
Suffix "W" indicates WIRE LEADS
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed(Note1)
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#10screw.
Weight:Fast-onTerminals-0.7Ounces(20.0Grams)
Max.mountingtorque=20in-lb.
WireLeads-0.55Ounce(16.0Grams)
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
10.2
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.40
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
10.2
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.40
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
D2
BL
D1
D2
BL
D1
BL
)+
)+
UL RECOGNIZED-FILE#E124962
+
+
_
_
AC
AC
AC
AC
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
INTEGRALLY MOLDEDHEATSINKPROVIDESVERY
LOWTHERMAL RESISTANCEFORMAXIMUMHEAT
DISSIPATION
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
RoHSCOMPLIANT
IO
AverageForwardRectifiedCurrent@T =75 C
C
o
PeakForwardSurgeCurrent.
T =125
J
Single60HzHalf-SineWave
SuperimposedonRatedLoad(JEDECMethod).
C
o
AMPS
15
IFSM
400
TJ
TSTG
°C
-55 to +150
-55 to +150
JunctionTemperatureRange
StorageTemperatureRange
RGJC
VFM
MaximumForwardVoltage(PerDiode)at7.5 AmpsDC
VOLTS
VOLTS
n/a
n/a
Mimimum AvalancheVoltage
Maximum AvalancheVoltage
V(BR) Min
V(BR) Max
MaximumReverseCurrentatRatedVRM
@T =25 C
A
o
@T =125 C
A
o
IRM
MinimumInsulationBreakdownVoltage(CircuittoCase)
VISO
TypicalThermalResistance,JunctiontoCase
See Note 1
See Note 1
1.05
1
50
mA
2500
oC/W
1.2
3.01 15dbp
NOTES: (1) These bridges exhibit the avalanche characteristic at breakdown. If your application requires a specific breakdown voltage range, please contact us.
Heat Sink
Heat Sink
LD
LL
BH
Molded
Body
BH
LT
Molded
Body
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")


Similar Part No. - 15DBP

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
15D YUANDEAN-15D Datasheet
275Kb / 2P
DC-DC Converter
15D-03S03R2NL YUANDEAN-15D-03S03R2NL Datasheet
275Kb / 2P
DC-DC Converter
15D-03S03R3NL YUANDEAN-15D-03S03R3NL Datasheet
275Kb / 2P
DC-DC Converter
15D-03S03R4NL YUANDEAN-15D-03S03R4NL Datasheet
275Kb / 2P
DC-DC Converter
15D-03S03RNL YUANDEAN-15D-03S03RNL Datasheet
275Kb / 2P
DC-DC Converter
More results

Similar Description - 15DBP

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DB1500P DEC-DB1500P Datasheet
476Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
DT15C00 DEC-DT15C00 Datasheet
314Kb / 1P
15 AMP SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DB1500 DEC-DB1500 Datasheet
462Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRDB-1500P-1C DEC-BRDB-1500P-1C Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com