Electronic Components Datasheet Search
  English  ▼

X  

LM89CIMX Datasheet(PDF) 15 Page - Texas Instruments

Part # LM89CIMX
Description  Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM89CIMX Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM89CIMX Datasheet HTML 11Page - Texas Instruments LM89CIMX Datasheet HTML 12Page - Texas Instruments LM89CIMX Datasheet HTML 13Page - Texas Instruments LM89CIMX Datasheet HTML 14Page - Texas Instruments LM89CIMX Datasheet HTML 15Page - Texas Instruments LM89CIMX Datasheet HTML 16Page - Texas Instruments LM89CIMX Datasheet HTML 17Page - Texas Instruments LM89CIMX Datasheet HTML 18Page - Texas Instruments LM89CIMX Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
In the event that the D+ pin is shorted to ground or D
−, the Remote Temperature High Byte (RTHB) register is
loaded with
−128°C (1000 0000) and the OPEN bit (D2) in the status register will not be set. Since operating the
LM89 at
−128°C is beyond it's operational limits, this temperature reading represents this shorted fault condition.
If the value in the Remote Low Setpoint High Byte Register (RLSHB) is more than
−128°C and the Alert Mask is
disabled, ALERT will be pulled low.
Remote diode temperature sensors that have been previously released and are competitive with the LM89 output
a code of 0°C if the external diode is short-circuited. This change is an improvement that allows a reading of 0°C
to be truly interpreted as a genuine 0°C reading and not a fault condition.
9.3.8 Communicating With The LM89
The data registers in the LM89 are selected by the Command Register. At power-up the Command Register is
set to “00”, the location for the Read Local Temperature Register. The Command Register latches the last
location it was set to. Each data register in the LM89 falls into one of four types of user accessibility:
1. Read only
2. Write only
3. Read/Write same address
4. Read/Write different address
A Write to the LM89 will always include the address byte and the command byte. A write to any register requires
one data byte.
Reading the LM89 can take place either of two ways:
1. If the location latched in the Command Register is correct (most of the time it is expected that the Command
Register will point to one of the Read Temperature Registers because that will be the data most frequently
read from the LM89), then the read can simply consist of an address byte, followed by retrieving the data
byte.
2. If the Command Register needs to be set, then an address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of a read, the LM89 can accept either acknowledge or
No Acknowledge from the Master (No Acknowledge is typically used as a signal for the slave that the Master has
read its last byte). It takes the LM89 31.25 ms to measure the temperature of the remote diode and internal
diode. When retrieving all 11 bits from a previous remote diode temperature measurement, the master must
insure that all 11 bits are from the same temperature conversion. This may be achieved by reading the MSB
(most significant byte first) followed by the LSB (least significant byte). Reading the MSB first will lock the LSB,
thus synchronizing the two bytes. One-shot mode can also be used without any restrictions on the MSB and LSB
reading sequence.
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com