Electronic Components Datasheet Search
  English  ▼

X  

35DBPS Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 35DBPS
Description  35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

35DBPS Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  35DBPS Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DataSheetNo.SRDB-3500P-1A
MECHANICAL SPECIFICATION
35 AMP
FASTSWITCHINGBRIDGERECTIFIERS
SOFTRECOVERY
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
F1
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
9.8
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.39
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
9.8
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.39
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
D2
BL
BH
LT
LD
LL
BH
D1
D2
BL
D1
BL
Top View of
Heat Sink
Heat Sink
+
_
)+
)+
UL RECOGNIZED-FILE#E124962
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
WideRangeof Applications:MotorSpeedControllers,
Inverters,Converters,Choppers,PowerSupplies,etc.
VOIDFREEVacuumDieSolderingForMaximum
MechanicalStrength AndHeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
TRUESOFTRECOVERY CHARACTERISTICWITH
NORINGING,SPIKES,orOVERSHOOT
HIGHFREQUENCY:250kHz
FASTRECOVERY:100nS-150nS
UNMATCHEDPERFORMANCE-MinimalRFI/EMI
ReducedPowerLosses,ExtremelyCoolOperation
IncreasedPowerSupplyEfficiency
ProprietaryJunctionPassivation
ReliabilityandPerformance
ForSuperior
AverageForwardRectifiedCurrent,T =50 C
C
o
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
MaximumRMSVoltage
SeriesNumber
IO
VRMS
VRRM
VRM
SYMBOL
FDB
FDB
RATINGS
FDB
FDB
FDB
50
100
200
400
35
70
140
280
PeakForwardSurgeCurrent(8.3mSsinglehalfsinewave
superimposedonratedload)
MaximumForwardVoltage,PerDiode,at17.5 AmpsDC
VFM
IFSM
Maximum AverageDCReverseCurrentatRated
DCBlockingVoltagePerDiode
IRM
@T =25 C
A
o
@T =125 C
A
o
TRR
600
50
100
200
400
600
420
3500P-S 3501P-S 3502P-S 3504P-S 3506P-S
MaximumReverseRecoveryTime
RGJC
TypicalThermalResistance,JunctiontoCase
OperatingandStorageTemperatureRange
T T
J, STG
35
400
1.25
1.0
50
1.2
150(Typ.100)
-55to+150
UNITS
VOLTS
VOLTS
AMPS
mA
nS
°C/W
°C
3.01 35dbp-s
UseSuffix"T"For
TERMINALS
FAST-ON
EXAMPLEP/N:DB3506P/T-S
EXAMPLEP/N:DB3506P/W-S
UseSuffix"W"For
WIRELEADS
NOTES: (1)Boltbridgeonheatsink
siliconthermalcompoundbetweenbridgeandmountingsurface
with#8screw,using
MECHANICAL DATA
Max.mountingtorque=20in-lb.
Case:
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#8screw.
Weight:Fast-onTerminals-0.72Ounces(20.3Grams)
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
WireLeads-0.65Ounces(18.3Grams)
RoHSCOMPLIANT


Similar Part No. - 35DBPS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
35DBP DEC-35DBP Datasheet
138Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - 35DBPS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB3500 DEC-FDB3500 Datasheet
452Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
BSBUS-800-1A DEC-BSBUS-800-1A Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
SRDB-3500P-1A DEC-SRDB-3500P-1A Datasheet
113Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
FRDB-3500P-1B DEC-FRDB-3500P-1B Datasheet
453Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
FRSDBS-5000-1A DEC-FRSDBS-5000-1A Datasheet
59Kb / 1P
50 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
08SBUS DEC-08SBUS Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
35FDBP DEC-35FDBP Datasheet
453Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
50SDBS DEC-50SDBS Datasheet
59Kb / 1P
50 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
150WBS DEC-150WBS Datasheet
67Kb / 1P
1.5 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com