Electronic Components Datasheet Search
  English  ▼

X  

LM335 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM335
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM335 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM335 Datasheet HTML 12Page - Texas Instruments LM335 Datasheet HTML 13Page - Texas Instruments LM335 Datasheet HTML 14Page - Texas Instruments LM335 Datasheet HTML 15Page - Texas Instruments LM335 Datasheet HTML 16Page - Texas Instruments LM335 Datasheet HTML 17Page - Texas Instruments LM335 Datasheet HTML 18Page - Texas Instruments LM335 Datasheet HTML 19Page - Texas Instruments LM335 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADJ
N.C.
N.C.
-
N.C.
VIA to ground plane
VIA to power plane
+
N.C.
N.C.
R1
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
www.ti.com
9 Power Supply Recommendations
Ensure the LM335 is biased properly with a current ranging 0.4 mA to 5 mA.
10 Layout
10.1 Layout Guidelines
The LM135 is applied easily in the same way as other integrated-circuit temperature sensors. Glue or cement the
device to a surface and the temperature should be within about 0.01°C of the surface temperature.
Efficient temperature transfer assumes that the ambient air temperature is almost the same as the surface
temperature where the LM135 leads are attached. If there is a great difference between the air temperature and
the surface temperature, the actual temperature of the LM135 die would be at an intermediate temperature
between the two temperatures. For example, the TO-92 plastic package, where the copper leads are the
principal thermal path to carry heat into the device, can be greatly affected by airflow. The temperature sensed
by the TO92 package could greatly depend on velocity of the airflow as well.
To lessen the affect of airflow, ensure that the wiring to the LM135 (leads and wires connected to the leads) is
held at the same temperature as the surface temperature that is targeted for measurement. To insure that the
temperature of the LM135 die is not affected by the air temperature, mechanically connect the LM135 leads with
a bead of epoxy to the surface being measured. If air temperature is targeted for measurement ensure that the
PCB surface temperature is close to the air temperature. Keep the LM135 away from offending PCB heat
sources such as power regulators. One method commonly used for thermal isolation is to route a thermal well as
shown in Figure 33 with the smallest possible geometry traces connecting back to rest of the PCB.
10.2 Layout Example
Figure 33. Layout Example
16
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com