Electronic Components Datasheet Search
  English  ▼

X  

50DBP Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 50DBP
Description  50 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

50DBP Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  50DBP Datasheet HTML 1Page - DIOTEC Electronics Corporation 50DBP Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DataSheetNo.BRDB-5000P-1B
MECHANICAL SPECIFICATION
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
50 AMP SILICONBRIDGERECTIFIERS
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
WorkingPeakReverseVoltage
SeriesNumber
VRWM
VRRM
VR (RMS)
VRM
SYMBOL
ADB ADB ADB
DB
DB DB
DB
DB
DB
DB
UNITS
VOLTS
5004P 5006P 5008P 5000P 5001P 5002P 5004P 5006P 5008P 5010P
1000
400 600 800
50 100 200 400 600 800
RMSReverseVoltage
280 420 560
35
70 140 280 420
700
560
CONTROLLED
AVALANCHE
NON-CONTROLLED
AVALANCHE
RATINGS
SERIES:DB5000P -DB5010P and ADB5004P - ADB5008P
Suffix "T" indicates FAST-ON TERMINALS
Suffix "W" indicates WIRE LEADS
E51
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
10.2
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.40
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
10.2
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.40
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
D2
BL
D1
D2
BL
D1
BL
)+
)+
UL RECOGNIZED-FILE#E124962
+
_
AC
AC
+
_
AC
AC
ADBD-5000P-1B
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
INTEGRALLY MOLDEDHEATSINKPROVIDESVERY
LOWTHERMAL RESISTANCEFORMAXIMUMHEAT
DISSIPATION
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
VFM
ForwardVoltageDrop(PerDiode)at25 AmpsDC
VOLTS
n/a
n/a
Mimimum AvalancheVoltage
Maximum AvalancheVoltage
V(BR) Min
V(BR) Max
1.10
1.02
Max.
Typ.
See Note 1
See Note 1
TJ
IO
°C
-55 to +150
AverageForwardRectifiedCurrent@T =75 C
C
o
PeakForwardSurgeCurrent. Single60HzHalf-SineWave
SuperimposedonRatedLoad(JEDECMethod).T =125 C
J
O
JunctionTemperatureRange
TSTG
-55 to +150
StorageTemperatureRange
AMPS
50
IFSM
600
RGJC
VOLTS
MaximumReverseCurrentatRatedVRM
@T =25 C
A
o
@T =125 C
A
o
IRM
MinimumInsulationBreakdownVoltage(CircuittoCase)
VISO
TypicalThermalResistance,JunctiontoCase
Notes:
1
50
mA
2500
oC/W
1.10
3.01 50bdp
(1) These Bridges Exhibit The Avalanche Characteristic at Breakdown. If Your Application Requires a Specific Breakdown Voltage Range, Please Contact Us.
MECHANICAL DATA
Max.mountingtorque=20in-lb.
Case:
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#10screw.
Weight:Fast-onTerminals-0.7Ounces(20.0Grams)
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
WireLeads-0.55Ounces(16.0Grams)
RoHSCOMPLIANT
Heat Sink
LD
LL
BH
Molded
Body
Heat Sink
BH
LT
Molded
Body
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")


Similar Part No. - 50DBP

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50DB-002 JFW-50DB-002 Datasheet
25Kb / 1P
DC BLOCK
50DB-002 JFW-50DB-002 Datasheet
43Kb / 1P
DC Blocks
50DB-002 JFW-50DB-002_1 Datasheet
43Kb / 1P
DC Blocks
50DB-002 JFW-50DB-002_16 Datasheet
26Kb / 1P
DC BLOCK
50DB-007 JFW-50DB-007 Datasheet
43Kb / 1P
DC Blocks
More results

Similar Description - 50DBP

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB5000P DEC-DB5000P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
SDB500 DEC-SDB500 Datasheet
305Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
50 AMP Glass Passivated Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-5000P-1B DEC-BRDB-5000P-1B Datasheet
140Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
BSDB-5000-1B DEC-BSDB-5000-1B Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB5005 GWSEMI-MB5005 Datasheet
73Kb / 2P
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
50SDB DEC-50SDB Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com