Electronic Components Datasheet Search
  English  ▼

X  

LM5106 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5106
Description  100-V Half-Bridge Gate Driver With Programmable Dead-Time
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5106 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5106 Datasheet HTML 9Page - Texas Instruments LM5106 Datasheet HTML 10Page - Texas Instruments LM5106 Datasheet HTML 11Page - Texas Instruments LM5106 Datasheet HTML 12Page - Texas Instruments LM5106 Datasheet HTML 13Page - Texas Instruments LM5106 Datasheet HTML 14Page - Texas Instruments LM5106 Datasheet HTML 15Page - Texas Instruments LM5106 Datasheet HTML 16Page - Texas Instruments LM5106 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TOTAL
0.95
Q
43nC
10 A
100kHz
=
+
m
´
Max
TOTAL
gmax
HBO
SW
D
Q
Q
I
F
=
+
´
TOTAL
BOOT
HB
Q
C
V
=
D
LM5106
www.ti.com
SNVS424D – JANUARY 2006 – REVISED DECEMBER 2014
Typical Application (continued)
8.2.1 Design Requirements
PARAMETERS
VALUES
Gate Drive IC
LM5102
Mosfet
CSD18531Q5A
VDD
10 V
Qgmax
43 nC
Fsw
100 kHz
DMax
95%
IHBO
10 µA
VDH
1.1 V
VHBR
7.3 V
VHBH
0.4 V
8.2.2 Detailed Design Procedure
8.2.2.1 Detailed Design Procedure
ΔVHB = VDD – VDH – VHBL
where
•
VDD = Supply voltage of the gate drive IC
•
VDH = Bootstrap diode forward voltage drop
•
Vgsmin = Minimum gate source threshold voltage
(1)
(2)
(3)
The quiescent current of the bootstrap circuit is 10 µA which is negligible compared to the Qgs of the MOSFET.
(4)
QTOTAL = 43.01 nC
(5)
In practice the value for the CBOOT capacitor should be greater than that calculated to allow for situations where
the power stage may skip pulse due to load transients. In this circumstance the boot capacitor must maintain the
HB pin voltage above the UVLO voltage for the HB circuit.
As a general rule the local VDD bypass capacitor should be 10 times greater than the value of CBOOT.
VHBL = VHBR – VHBH
(6)
VHBL = 6.9 V
(7)
ΔVHB = 10 V – 1.1 V – 6.9 V
(8)
ΔVHB = 2.0 V
(9)
CBOOT = 43.01nc / 2 V
(10)
CBOOT = 21.5 nF
(11)
The bootstrap and bias capacitors should be ceramic types with X7R dielectric. The voltage rating should be
twice that of the maximum VDD to allow for loss of capacitance once the devices have a DC bias voltage across
them and to ensure long-term reliability of the devices.
The resistor values, RT, for setting turnon delay can be found in Figure 19.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com