Electronic Components Datasheet Search
  English  ▼

X  

SCOCXOWT Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # SCOCXOWT
Description  3.3V OCXO CMOS Output Tight Stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

SCOCXOWT Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  SCOCXOWT Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOWT Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3V OCXO CMOS Output Tight Stability
SCOCXOWT
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Jul 2015
Features
Ultra high stability
Compact 14-pin DIL package (SMD optional)
3.3V supply voltage
CMOS compatible output
Very fast warmup
Low power consumption
Wide temperature range available
Option
Codes
SCOCXOWT
Product
Parameters
Product name + option codes + frequency
eg: SCOCXOWT-AR1 10.0MHz
SCOCXOWT-BV3 16.0MHz
Option code X (eg SCOCXOWT/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
2011/65/EU
Product is NOT designed to withstand 260°C reflow processing
10.00000
12.00000
12.80000
14.74560
16.00000
20.00000
26.00000
40.00000
52.00000
54.00000
Frequencies in MHz
Standard Frequencies
Frequency range:
10.0kHz ~ 54.0MHz
Frequency stability:
±0.3ppm max first year
±2.5ppm max in 10 years
±0.1ppm over V
DD ±0.15V
±0.01ppm over 10% change in load
Short term stability:
1x10-10, τ 0.1 to 30s
5x10-11 typ at 1s
Temperature stability:
±0.05ppm max, 0 to +60°C
A
±0.075ppm max, -20 to +70°C
B
±0.1ppm max, -40 to +85°C
C
Storage temperature range:
-55 to +125°C
Output waveform:
CMOS compatible
‘0’=+0.4V max, ‘1’=V
DD-0.5V min
40:60 max
Rise/fall times 7ns max (no load)
Load:
3pF min, 47pF max
Start up time:
5ms max
Frequency adjustment:
±2.5ppm min
Control voltage 0.5~3.3V, pin 1
V3
Variable resistor 0~10kΩ, pins 1 to 7
R1
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Supply voltage (V
DD):
+3.3V (±0.15V)
Input current: 120mA max @ +25°C
170mA max @ -20°C
Warm up time (secs):
current 250mA max @ 25°C
30
to within ±0.1ppm @ 25°C
120
Phase noise (typ @ 10MHz):
 -100dBc/Hz @ 10Hz
 -130dBc/Hz @ 100Hz
 -140dBc/Hz @ 1kHz
 -145dBc/Hz @ 10kHz
Shock & vibration:
5,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20G
Package:
Through hole 14 pin DIL
SMD options 1 or 2

specify
7.80
±0.20
6.35
±0.50
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.14
±0.08
12.52
±0.08
PIN
1
7
8
14
CONNECTION
Freq adjustment
or Ground
Ground
Output
Supply


Similar Part No. - SCOCXOWT

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOWT GOLLEDGE-SCOCXOWT Datasheet
557Kb / 5P
3.3V Tight Stability OCXO with CMOS Output
SCOCXOWT-AR GOLLEDGE-SCOCXOWT-AR Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
SCOCXOWT-BV GOLLEDGE-SCOCXOWT-BV Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT_16 Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT_18 Datasheet
557Kb / 5P
3.3V Tight Stability OCXO with CMOS Output
More results

Similar Description - SCOCXOWT

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT_16 Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
HCD351 GOLLEDGE-HCD351_18 Datasheet
556Kb / 4P
5V Tight Stability OCXO with CMOS/TTL Output
SCOCXOWT GOLLEDGE-SCOCXOWT_18 Datasheet
557Kb / 5P
3.3V Tight Stability OCXO with CMOS Output
SCOCXOWS GOLLEDGE-SCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO Sine Output Tight Stability
SCOCXOVT GOLLEDGE-SCOCXOVT_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with CMOS Output
SCOCXOT GOLLEDGE-SCOCXOT_18 Datasheet
556Kb / 5P
12V CMOS Output Tight Stability OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com