Electronic Components Datasheet Search
  English  ▼

X  

2SA1980 Datasheet(PDF) 1 Page - AUK corp

Part # 2SA1980
Description  PNP Silicon Transistor (General small signal amplifier)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SA1980 Datasheet(HTML) 1 Page - AUK corp

  2SA1980 Datasheet HTML 1Page - AUK corp 2SA1980 Datasheet HTML 2Page - AUK corp 2SA1980 Datasheet HTML 3Page - AUK corp 2SA1980 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-9002-003
1
2SA1980
PNP Silicon Transistor
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE(sat)=-0.3V(Max.)
• Low output capacitance : Cob=4pF(Typ.)
• Complementary pair with 2SC5343
Ordering Information
Type NO.
Marking
Package Code
2SA1980
A1980
TO-92
Outline Dimensions
unit : mm
4.4~4.6
0.38~0.42
1.27 Typ
.
2.54 Typ
.
1 2 3
3.35~3.55
2.15~2.35
1.96~2.16
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - 2SA1980

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1980 SECOS-2SA1980 Datasheet
282Kb / 2P
PNP Plastic Encapsulated Transistor
logo
KODENSHI_AUK CORP.
2SA1980 KODENSHI-2SA1980 Datasheet
238Kb / 4P
General small signal amplifier
logo
Foshan Blue Rocket Elec...
2SA1980 FOSHAN-2SA1980 Datasheet
966Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SA1980 JIANGSU-2SA1980 Datasheet
399Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SA1980 KOOCHIN-2SA1980 Datasheet
262Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - 2SA1980

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1980E AUK-2SA1980E Datasheet
236Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980EF AUK-2SA1980EF Datasheet
227Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980M AUK-2SA1980M Datasheet
223Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980S AUK-2SA1980S Datasheet
232Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980SF AUK-2SA1980SF Datasheet
223Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980U AUK-2SA1980U Datasheet
225Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980UF AUK-2SA1980UF Datasheet
225Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SC5343 AUK-2SC5343 Datasheet
231Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343E AUK-2SC5343E Datasheet
94Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343M AUK-2SC5343M Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com