Electronic Components Datasheet Search
  English  ▼

X  

NCE01P13 Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE01P13
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE01P13 Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE01P13 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE01P13 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE01P13 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE01P13 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE01P13 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE01P13 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE01P13 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NCE01P13
Pb Free Product
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE P-Channel Enhancement Mode Power MOSFET
Description
The NCE01P13 uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge. It can be
used in a wide variety of applications. It is ESD protested.
General Features
●
VDS =-100V,ID =-13A
RDS(ON) <200mΩ @ VGS=-10V (Typ:170mΩ)
●
Super high dense cell design
●
Advanced trench process technology
●
Reliable and rugged
●
High density celldesign for ultra low on-resistance
Application
●
Power switch
●
DC/DC converters
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE01P13
NCE01P13
TO-220-3L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-13
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-9.2
A
Pulsed Drain Current
IDM
-52
A
Maximum Power Dissipation
PD
40
W
Derating factor
0.32
W/℃
Single pulse avalanche energy
(Note 5)
EAS
110
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Marking and pin assignment
TO-220-3L top view


Similar Part No. - NCE01P13

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE01P13I NCEPOWER-NCE01P13I Datasheet
307Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v2.0
NCE01P13K NCEPOWER-NCE01P13K Datasheet
407Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE01P13

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com