Electronic Components Datasheet Search
  English  ▼

X  

G5521 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5521
Description  Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5521 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5521 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5521 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 0.9
Jul 21, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5521
Global Mixed-mode Technology Inc.
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
Features
2.5V to 5.5V Input Supply Range
640kHz/1.2MHz Current-Mode Boost Regulator
Fast Transient Response to Pulse Load
±1% Accurate Output Voltage
Built-In 20V/2A, 0.2
Ω N-Channel MOSFET
High Efficiency up to 90%
Programmable Soft-Start
Over-Current Protection
Output Under-Voltage Protection
High-Performance Operational Amplifiers
±150mA Output Short-Circuit Current
12V/µs Slew Rate
12MHz, -3dB Bandwidth
Rail-to-Rail Input and Output
Low Dropout Voltage Linear Regulator
350mA Maximum Output Current
Adjustable Output Voltage
On-Chip GPM Controller
Adjustable Falling Time and Power-On Delay
Flicker Compensator
Power-On Sequence Control
Charge pump for VGH regulation
Low Voltage Detector
Programmable Detecting Voltage and Delay Time
Thermal-Overload Protection
RoHs Compliant
TQFN4X4-24 Package
Applications
LCD Monitor
Notebook Computer Displays
LCD TVs
General Description
The G5521 includes a high-performance boost regulator, a
low dropout linear regulator (LDO), a gate pulse modulator
(GPM), a voltage detector, a VCOM buffer (unity-gain OPA),
and a VGH charge pump controller for activematrix thin-film
transistor (TFT) liquid-crystal displays (LCDs).
The boost converter provides the regulated supply volt-
age for the panel source driver ICs. The converter is a
high switching frequency (640kHz or 1.2MHz) current-
mode regulator with an integrated 20V N-Channel
0.2
Ω MOSFET that allows the use of ultra-small inductors
and ceramic capacitors. It provides fast transient re-
sponse to pulsed loading while achieving efficiency over
90%. The device can produce output voltage as high as
18V from an input as low as 2.8V. Soft-Start is pro-
grammed by external capacitor, which sets the in-
put-current ramp-rate. The low-dropout (LDO) linear regu-
lator can supply up to 350mA current while input voltage is
3.3V. It uses an internal PMOS as the pass device. It is
suitable for the supply voltage of the timing controller.
The GPM is controlled by frame signals from timing con-
troller to modulate the Gate-On voltage, VGHM, which acts
a flicker compensation circuit to reduce the coupling effect
between gate lines and pixels. It also can delay the
Gate-On voltage while power-on for achieving a corrected
power-on sequence for gate driver ICs. Both of power-on
delay time and the falling time of the Gate-On voltage are
programmable by external capacitor and resistor.
The voltage detector monitors the supply voltage to issue a
reset signal while the detected voltage is too low. The de-
tecting level is decided by an external resistor divider and
the delay time is programmable by an external capacitor.
The VCOM buffer can drive the LCD VCOM voltage that
features high short-circuit current (150mA), fast slew rate
(12V/µs), wide bandwidth (12MHz) and rail-to-rail in-
put/output.
The VGH charge pump controller provides regulated TFT
Gate-On voltage. The regulation of the positive charge
pump is generated by the internal comparator that senses
the output voltage and compares it with an internal refer-
ence.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5521R51U
5521
-40°C to 85°C
TQFN4X4-24
Note: R5: TQFN4X4-24
1: Bonding Code
U: Tape & Reel
Pin Configuration
G5521 TQFN4X4-24
LX
VIN
SS
AGND
ADJ
LDOO
AVDD
DRVP
FBP
VGH
VGHM
RE
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
G5521 TQFN4X4-24
LX
VIN
SS
AGND
ADJ
LDOO
AVDD
DRVP
FBP
VGH
VGHM
RE
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad
G5521 TQFN4X4-24
LX
VIN
SS
AGND
ADJ
LDOO
AVDD
DRVP
FBP
VGH
VGHM
RE
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.


Similar Part No. - G5521

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G552 GMT-G552 Datasheet
559Kb / 1P
Current-Limit Switches
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5524A GMT-G5524A Datasheet
136Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
More results

Similar Description - G5521

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
logo
Fitipower Integrated Te...
FP6783 FITIPOWER-FP6783 Datasheet
435Kb / 11P
Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
FP9928A FITIPOWER-FP9928A Datasheet
656Kb / 18P
Integrated Multi-Channel DC-DC Converters for Panels
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
Multi-Channel DC-DC Converter for LCD Panels
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com