Electronic Components Datasheet Search
  English  ▼

X  

A358 Datasheet(PDF) 2 Page - AUK corp

Part # A358
Description  Low Power Dual OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

A358 Datasheet(HTML) 2 Page - AUK corp

  A358 Datasheet HTML 1Page - AUK corp A358 Datasheet HTML 2Page - AUK corp A358 Datasheet HTML 3Page - AUK corp A358 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-8009-001
2
A358
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
20 or ±10
V
Differential input voltage
VIND
20
V
Input voltage
VIN
±
10
V
Power Dissipation
PD
300
mW
Operating temperature
Topr
-45 ~ +85
°C
Storage temperature
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V, VEE = GND, Ta=25°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Input offset voltage
VIOS
Rg ≤ 10 KΩ
-
2
7
mV
Input offset current
IIOS
-
5
50
nA
Input bias current
IIB
-
45
250
nA
common mode voltage range
VICR
VCC = 15V, VEE = GND
0
-
VCC
–1.5
V
VCC = 15V, RL = ∞
-
0.7
1.4
Supply current
ICC
VCC = 5V, RL = ∞
-
0.5
1.2
mA
VOH
VIN+ = 1V, VIN- = 0V, RL=2 KΩ
2.5
3.5
4.2
V
Output voltage swing
VOL
VIN+ = 0V, VIN- = 1V, RL=2 KΩ
-
2
20
mV
Common mode rejection ratio
CMRR
VCC = 15V
65
90
-
dB
Power supply rejection ratio
PSRR
VCC = 15V
65
100
-
dB
Output source current
IO+
VIN+ = 1V, VIN- = 0V, VOUT = 0V
20
40
-
mA
Output sink current
IO-
VIN+ = 0V, VIN- = 1V, VOUT = 5V
10
20
-
mA
Slew Rate
SR
-
-
0.5
-
V/uS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com