Electronic Components Datasheet Search
  English  ▼

X  

G5335 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5335
Description  High Efficiency 10A Synchronous Buck Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5335 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5335 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Jun 19, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5335
Global Mixed-mode Technology
High Efficiency 10A Synchronous Buck Converter
Features
Ultra-High Efficiency
Integrated 8.5m
Ω at VCC=5V N-Channel
MOSFET for Low Side
Integrated 20m
Ω at VCC=5V N-Channel
MOSFET for High Side
No Current-Sense Resistor (Lossless ILIMIT)
Quasi-PWM with 100ns Load-Step Response
1% VOUT Accuracy Over Line and Load
Programmable Switching Frequency
Adjustable Output Range from 0.8V
4.5V to 28V Adapter or Battery Input Range
Integrated Boost Switch
OVP & UVP
Over Temperature Protection (non-latch)
Adjustable Soft-Start
Power-Good Indicator
Applications
Notebook Computers
I/O Supply
Chipset/RAM Supply as Low as 0.8V
Networking Power Supply
General Description
G5335 is a 10A, synchronous DC/DC buck converter
with integrated 20m
Ω N-channel high-side MOSFET
and 8.5m
Ω N-channel low-side MOSFET. It uses con-
stant on-time control scheme to handle wide in-
put/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients while main-
taining a relatively constant switching frequency. The
G5335 achieves high efficiency at a reduced cost by
eliminating the current-sense resistor found in tradi-
tional current-mode PWMs. Single-stage buck conver-
sion allows these devices to directly step down
high-voltage batteries for the highest possible effi-
ciency. The G5335 is intended for the power supply of
Notebook Computer, or other low-voltage supplies as
low as 0.8V. The G5335 is available in QFN4X4-23
package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5335QT1U
5335
-40°C to +85°C
QFN4X4-23
Note: QT: QFN4X4-23
1: Bonding Code
U : Tape & Reel
Pin Configuration
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
G5335 QFN4X4-23
6
5
4
3
2
1
12
13
14
15
16
17
PGOOD
EN
PFM
AGND
FB
TON
LX
LX
PGND
PGND
PGND
PGND
V+
LX
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
G5335 QFN4X4-23
6
5
4
3
2
1
12
13
14
15
16
17
PGOOD
EN
PFM
AGND
FB
TON
LX
LX
PGND
PGND
PGND
PGND
V+
LX


Similar Part No. - G5335

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5335 HEYCO-G5335 Datasheet
124Kb / 1P
Ergonomic Plugs for Square Tubing
More results

Similar Description - G5335

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5385 GMT-G5385 Datasheet
125Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5330A GMT-G5330A Datasheet
59Kb / 1P
High Efficiency 10A Synchronous Buck Converter for 5V System Power
G5310 GMT-G5310 Datasheet
63Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5309 GMT-G5309 Datasheet
60Kb / 1P
High Efficiency 10A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Linear Technology
LTC3779 LINER-LTC3779 Datasheet
1Mb / 12P
High Voltage, High Efficiency 48V/10A Synchronous Buck-Boost Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com