Electronic Components Datasheet Search
  English  ▼

X  

G5316 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5316
Description  Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5316 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5316 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5316 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.9
Jan 18, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G5316
Global Mixed-mode Technology
Pin Configuration
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
G5316 TQFN3X3-20
1
2
3
4
5
11
12
13
14
15
Thermal
Pad
VTTSNS
VLDOIN
VTT
VTTGND
VTTREF
DH
LX
VCC
DL
BST
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
G5316 TQFN3X3-20
1
2
3
4
5
11
12
13
14
15
Thermal
Pad
VTTSNS
VLDOIN
VTT
VTTGND
VTTREF
DH
LX
VCC
DL
BST



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com