Electronic Components Datasheet Search
  English  ▼

X  

2SJ652 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SJ652
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SJ652 Datasheet(HTML) 3 Page - ON Semiconductor

  2SJ652 Datasheet HTML 1Page - ON Semiconductor 2SJ652 Datasheet HTML 2Page - ON Semiconductor 2SJ652 Datasheet HTML 3Page - ON Semiconductor 2SJ652 Datasheet HTML 4Page - ON Semiconductor 2SJ652 Datasheet HTML 5Page - ON Semiconductor 2SJ652 Datasheet HTML 6Page - ON Semiconductor 2SJ652 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SJ652
No.7625-3/7
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT06535
Gate-to-Source Voltage, VGS -- V
ID -- VGS
IT06536
0
0
--50
--40
--30
--20
--10
--5.0
--4.5
--4.0
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
--50
--40
--30
--20
--10
0
--5.0
--4.5
--4.0
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
VGS= --3V
Tc=25
°C
--4V
VDS= --10V
25
°C
IT06540
Diode Forward Voltage, VSD -- V
IF -- VSD
--0.6
--0.9
--0.3
--1.2
--1.5
0
2
7
--0.01
--0.1
3
--1.0
--10
7
2
2
3
5
5
7
3
2
2
5
7
2
3
5
3
5
7
3
5
7
2
3
5
7
100
1.0
10
Drain Current, ID -- A
IT06539
--0.1
23
--1.0
57
2
3
57
2
--10
35 7
Tc=
--25
°C
75°
C
25°
C
VDS= --10V
--0.001
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT06542
--0.1
--1.0
--10
25
3
5 72
3
Drain Current, ID -- A
SW Time -- ID
IT06541
2
35 7
VGS=0V
--10
--9
--8
--7
--6
--5
--4
--3
--2
70
60
50
40
30
20
10
0
150
125
100
75
50
25
0
--25
--50
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
IT06538
IT06537
Case Temperature, Tc --
°C
RDS(on) -- Tc
I D
= --14A,
V GS
= --4V
ID=
--14A,
VGS
= --10V
100
80
60
40
20
0
Tc=75°C
25
°C
--25°C
5
7
100
3
10
2
2
7
3
5
tf
tr
VDD= --30V
VGS= --10V
td(off)
td(on)
0
1000
5
7
2
3
5
2
7
3
100
--30
--10
--15
--20
--25
--5
f=1MHz
Ciss
Coss
Crss
ID= --14A
| yfs | -- I
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com