Electronic Components Datasheet Search
  English  ▼

X  

ATP101 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ATP101
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP101 Datasheet(HTML) 4 Page - ON Semiconductor

  ATP101 Datasheet HTML 1Page - ON Semiconductor ATP101 Datasheet HTML 2Page - ON Semiconductor ATP101 Datasheet HTML 3Page - ON Semiconductor ATP101 Datasheet HTML 4Page - ON Semiconductor ATP101 Datasheet HTML 5Page - ON Semiconductor ATP101 Datasheet HTML 6Page - ON Semiconductor ATP101 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP101
No. A1646-4/7
VGS -- Qg
Total Gate Charge, Qg -- nC
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT10478
A S O
Drain-to-Source Voltage, VDS -- V
PD -- Tc
Case Temperature, Tc --
°C
IT15320
048
26
14
12
18
16
10
20
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
IT15322
0
0
20
40
60
80
100
140
120
25
30
15
20
5
10
35
160
IDP= --75A
ID= --25A
1ms
10ms
DC
operation
Operation in
this area is
limited by R DS(on).
100
μs
10
μs
IT15321
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
5
2
7
--10
--0.1
--1.0
23
5
7
2
--10
35 7
2
35
--100
VDS= --15V
ID= --25A
PW
≤10μs
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com