Electronic Components Datasheet Search
  English  ▼

X  

ATP112 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP112
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP112 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP112 Datasheet HTML 1Page - ON Semiconductor ATP112 Datasheet HTML 2Page - ON Semiconductor ATP112 Datasheet HTML 3Page - ON Semiconductor ATP112 Datasheet HTML 4Page - ON Semiconductor ATP112 Datasheet HTML 5Page - ON Semiconductor ATP112 Datasheet HTML 6Page - ON Semiconductor ATP112 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP112
No. A1754-3/7
IT15590
--0.4
--0.2
--0.6 --0.8 --1.0
--2.0
--1.6
--1.2 --1.4
--1.8
0
0
--5
--25
--15
--20
--10
0
--10
--30
--20
--40
--50
--60
0
IT15591
--2.0
--1.0
--3.0
--1.5
--0.5
--2.5
--4.0 --4.5 --5.0 --5.5 --6.0
--3.5
0
--3.0V
VGS= --2.5V
--3.5V
VDS= --10V
Single pulse
--4.5V
--4.0V
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Tc=25
°C
Single pulse
IT15593
0
--60
--50
--40
--10
--30
--20
1000
100
IT15597
IT15595
--1.4
--1.2
--1.0
--0.6
--0.2
--0.4
--0.8
0
--0.001
--0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
--0.1
--1.0
--10
--100
--0.1
--1.0
--10
57
23
57
23
57
23
5
7
5
7
3
2
5
3
2
VGS=0V
Single pulse
Ciss
Crss
IT15596
10
100
2
3
5
7
2
3
5
7
td(off)
VDD= --30V
VGS= --10V
tr
IT15592
0
--2
--16
--4
--6
--8
--10
--12
--14
--1
--15
--3
--5
--7
--9
--11
--13
20
30
90
70
60
50
40
80
tf
Coss
td(on)
Tc=25
°C
Single pulse
ID= --13A
--3.5A
--7A
IT15594
--0.1
--1.0
3
5
7
2
10
1.0
5
7
3
2
2
--10
35 7
23
5 7
5
23
Tc=
--25
°C
25
°C
75
°C
VDS= --10V
Single pulse
f=1MHz
--50
--25
150
0
25
50
75
100
125
Single pulse
80
75
90
85
70
65
60
55
50
45
40
35
30
25
20
15
10
V GS
= -
-4.5V
, I D
= -
-7A
V GS
= -
-4.0V
, I D
= -
-3.5A
V GS
= --10.0V
, I D
= --13A
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
IS -- VSD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com