Electronic Components Datasheet Search
  English  ▼

X  

ATP301 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP301
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP301 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP301 Datasheet HTML 1Page - ON Semiconductor ATP301 Datasheet HTML 2Page - ON Semiconductor ATP301 Datasheet HTML 3Page - ON Semiconductor ATP301 Datasheet HTML 4Page - ON Semiconductor ATP301 Datasheet HTML 5Page - ON Semiconductor ATP301 Datasheet HTML 6Page - ON Semiconductor ATP301 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP301
No. A1457-3/7
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS(off)
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Cutoff Voltage, VGS(off) -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
IT14595
IT14592
--50
--25
150
0
--30
--10
--15
--20
--25
--5
1000
2
IT14599
IT14597
IT14596
--0.1
--1.0
23
5 7
3
100
--1.2
--1.0
--0.6
--0.4
--0.8
--0.2
0
--0.001
--0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
--0.1
--1.0
--10
--100
7
5
7
2
3
10
1.0
7
5
5
2
10000
2
--10
35
7
5
23
--0.1
--1.0
23
5 7
2
--10
35 7
5
23
0
25
50
75
100
125
3
5
7
3
5
7
100
7
2
Tc=
--25
°C
25
°C
75
°C
VDS= --10V
Ciss
Crss
IT14598
10
100
2
3
5
7
1000
2
3
5
7
td(off)
VDD= --60V
VGS= --10V
f=1MHz
tr
--0.5 --1.0
--3.0
--2.0
--1.5
--3.5 --4.0
--5.0
--4.5
--2.5
0
0
--10
--60
--50
--40
--30
--20
0
--10
--60
--50
--40
--30
--20
IT14594
--2
--4
--6
--8
--10
--3
--5
--7
--9
0
160
60
120
100
80
140
20
40
20
0
60
200
120
100
80
40
140
160
180
IT14593
--2
--1
--4
--3
--6
--5
0
Tc=25
°C
VGS= --4.0V
VDS= --10V
tf
V GS
= -
-10V
, I D
= -
-14A
--8.0V
Coss
td(on)
--4.5V
--6.0V
Single pulse
ID= --14A
--25
°C
25
°C
Tc=75
°C
Single pulse
VGS=0V
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com