Electronic Components Datasheet Search
  English  ▼

X  

SM6452AM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM6452AM
Description  Audio Variable Volume ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6452AM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM6452AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SM6452AM/BM
NIPPON PRECISION CIRCUITS—5
DC Characteristics (SM6452AM)
AVDD = 7 to 13V, DVDD = 2.7 to 5.5V, VSS = 0V, Ta = −40 to 85°C
DC Characteristics (SM6452BM)
AVDD = 7 to 13V, DVDD = 2.7 to 5.5V, VSS = 0V, Ta = −40 to 85°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
D VDD current consumption
IDDD1
Data transfer stopped, MDT = MCK =
MLEN = RSTN = DV DD = 5V
–
TBD
TBD
µ A
IDDD2
Data transfer in progress, DV DD = 5V
–
TBD
TBD
m A
AVDD1, AVDD2 current consumption
IDDA
–
TBD
TBD
m A
M D T, MCK, MLEN, RSTN HIGH-level
input voltage
V IH
0.7DV DD
––
V
M D T, MCK, MLEN, RSTN LOW -level
input voltage
V IL
–
–
0.3DV DD
V
RSTN, MLEN input current
IIL1
V IN = 0V
–
TBD
TBD
µ A
M D T, MCK input leakage current
ILL1
V IN = 0V
–
–
T B D
µ A
ILH1
V IN = DV DD
–
–
TBD
µ A
RSTN, MLEN input leakage current
ILH2
V IN = DV DD
–
–
TBD
µ A
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
D VDD current consumption
IDDD1
Data transfer stopped,
S D A = SCL = RSTN = DV DD
–
TBD
TBD
µ A
IDDD2
Data transfer in progress
–
T B D
T B D
m A
AVDD1, AVDD2 current consumption
IDDA
–
TBD
TBD
m A
S D A, SCL, RSTN HIGH-level input
voltage
V IH
0.7DV DD
––
V
S D A, SCL, RSTN LOW -level input
voltage
V IL
–
–
0.3DV DD
V
RSTN input current
IIL1
V IN = 0V
–
TBD
TBD
µ A
S D A, SCL input current
IIL2
V IN = 0V
–
TBD
TBD
µ A
RSTN input leakage current
ILH1
V IN = DV DD
–
–
TBD
µ A
S D A, SCL input leakage current
ILH2
V IN = DV DD
–
–
TBD
µ A
ILH3
V IN = 10V
–
–
T B D
µ A
S D A L OW -level output voltage
V OL
A CK signal output, 3mA input current
T B D
–
T B D
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com