Electronic Components Datasheet Search
  English  ▼

X  

BC847 Datasheet(PDF) 2 Page - AUK corp

Part # BC847
Description  NPN Silicon Transistor (General purpose application Switching application)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC847 Datasheet(HTML) 2 Page - AUK corp

  BC847 Datasheet HTML 1Page - AUK corp BC847 Datasheet HTML 2Page - AUK corp BC847 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2007-001
2
BC847
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
50
V
Collector-Emitter voltage
VCEO
45
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
45
-
-
V
Base-Emitter turn on voltage
VBE(ON)
VCE=5V, IC=2mA
550
-
700
mV
Base-Emitter saturation voltage
VBE(sat)
IC=100mA, IB=5mA
-
900
-
mV
Collector-Emitter saturation voltage
VCE(sat)
IC=100mA, IB=5mA
-
-
600
mV
Collector cut-off current
ICBO
VCB=35V, IE=0
-
-
15
nA
DC current gain
hFE
*
VCE=5V, IC=2mA
110
-
800
-
Transition frequency
fT
VCE=5V, IC=10mA
f=100MHz
-
150
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
4.5
pF
Noise figure
NF
VCE=5V, IC=200µA,
f=1KHz, Rg=2K
Ω
-
-
10
dB
* : hFE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com