Electronic Components Datasheet Search
  English  ▼

X  

CS3842B Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3842B
Description  Off-Line Current Mode PWM Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3842B Datasheet(HTML) 4 Page - ON Semiconductor

  CS3842B Datasheet HTML 1Page - ON Semiconductor CS3842B Datasheet HTML 2Page - ON Semiconductor CS3842B Datasheet HTML 3Page - ON Semiconductor CS3842B Datasheet HTML 4Page - ON Semiconductor CS3842B Datasheet HTML 5Page - ON Semiconductor CS3842B Datasheet HTML 6Page - ON Semiconductor CS3842B Datasheet HTML 7Page - ON Semiconductor CS3842B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Undervoltage Lockout
During Undervoltage Lockout (Figure 1), the output driv-
er is biased to a high impedance state. VOUT should be
shunted to ground with a resistor to prevent output leak-
age current from activating the power switch.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current
(Figure 2). An increase in VCC causes the inductor current
slope to increase, thus reducing the duty cycle. This is an
inherent feed-forward characteristic of current mode con-
trol, since the control voltage does not have to change
during changes of input supply voltage.
When the power supply sees a sudden large output cur-
rent increase, the control voltage will increase allowing
the duty cycle to momentarily increase. Since the duty
4
Test Circuit
VREF
VCC
VOUT
1k
Ω
1W
0.1
µF
0.1
µF
VREF
VCC
VOUT
Gnd
VFB
Sense
OSC
COMP
5k
Ω
100k
Ω
4.7k
Ω
1k
Ω
ERROR AMP
ADJUST
4.7k
Ω
Sense
ADJUST
RT
2N2222
CT
Gnd
A
CS-3842B
CS-3843B
Circuit Description
Typical Performance Characteristics:
Oscillator Duty Cycle vs RT
Oscillator Frequency vs CT
VCC
ON/OFF Command
to reset of IC
VON
16V
8.4V
VOFF
10V
7.6V
CS3842B CS3843B
<0.5mA
<15mA
VON VOFF
ICC
VCC
Figure 1: Typical Undervoltage Characteristics
.0005
.001
.002
.003
.005
.01
.02
.03
.04
800
900
CT (µF)
700
600
500
400
300
200
100
.05
RT =1.5kΩ
RT =680Ω
RT =10kΩ
100
200
700
1k
2k
5k
7k
10k
80
90
RT (Ω)
70
60
50
40
30
20
10
4k
3k
500
400
300
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com