Electronic Components Datasheet Search
  English  ▼

X  

ECH8310 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECH8310
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8310 Datasheet(HTML) 2 Page - ON Semiconductor

  ECH8310 Datasheet HTML 1Page - ON Semiconductor ECH8310 Datasheet HTML 2Page - ON Semiconductor ECH8310 Datasheet HTML 3Page - ON Semiconductor ECH8310 Datasheet HTML 4Page - ON Semiconductor ECH8310 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ECH8310
No. A1430-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--4.5A
12
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--4.5A, VGS=--10V
9
13
17
mΩ
RDS(on)2
ID=--2A, VGS=--4.5V
12
20
28
mΩ
RDS(on)3
ID=--2A, VGS=--4.0V
13.5
23
32.5
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
1400
pF
Output Capacitance
Coss
350
pF
Reverse Transfer Capacitance
Crss
250
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
45
ns
Turn-OFF Delay Time
td(off)
134
ns
Fall Time
tf
87
ns
Total Gate Charge
Qg
VDS=--15V, VGS=--10V, ID=--9A
28
nC
Gate-to-Source Charge
Qgs
4
nC
Gate-to-Drain “Miller” Charge
Qgd
6
nC
Diode Forward Voltage
VSD
IS=--9A, VGS=0V
--0.8
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ECH8310-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
PW=10
μs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --4.5A
RL=3.3Ω
VDD= --15V
VOUT
VIN
0V
--10V
VIN
ECH8310
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com