Electronic Components Datasheet Search
  English  ▼

X  

ECH8320 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8320
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8320 Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8320 Datasheet HTML 1Page - ON Semiconductor ECH8320 Datasheet HTML 2Page - ON Semiconductor ECH8320 Datasheet HTML 3Page - ON Semiconductor ECH8320 Datasheet HTML 4Page - ON Semiconductor ECH8320 Datasheet HTML 5Page - ON Semiconductor ECH8320 Datasheet HTML 6Page - ON Semiconductor ECH8320 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8320
No. A1429-3/7
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0
--0.4
--0.2
--0.6
--1.2
--1.0
--0.8
--0.001
--0.01
7
5
3
2
2
--0.1
7
5
3
2
3
2
--1.0
7
5
3
2
--10
7
5
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
5
20
10
15
35
30
40
25
VGS
= --1.8V
, ID
= --1A
VGS
= --4.5V
, ID=
--5A
VGS
= --2.5V
, ID=
--3A
IT14460
Ta=25
°C
IT14461
IT14462
IT14463
Ta=
--25
°C
75°
C
25
°C
VDS= --10V
VGS=0V
100
10
1000
7
7
5
3
3
2
5
3
2
2
--0.01 2
--0.1
35 7
2
--1.0
--10
35 7
IT14464
VDD= --10V
VGS= --4.5V
td(off)
tr
tf
22
33
57
td(on)
ID= --1A
--5A
0
--1
--5
--6
--4
--3
--2
--7
--8
0
5
10
15
30
25
20
40
35
0.1
2
5
3
2
7
10
7
5
3
2
1.0
7
5
3
2
--0.01
--0.1
22
57
32
--1.0
57
3
--10
57
3
0
1000
7
2
5
100
3
5
3
7
2
--20
--4
--12
--14
--10
--16
--18
--8
--2
--6
IT14465
f=1MHz
Ciss
Coss
Crss
--3A
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
--2
--4
--6
--5
--1
--3
--8
--7
--10
--9
0
0
IT14458
IT14459
--0.1
--0.4
--0.2
--0.6
--0.5
--0.3
--0.8
--0.7
--0.9 --1.0
0
--0.4
--0.2
--0.6 --0.8 --1.0
--1.4
--1.2
--1.6 --1.8 --2.0
--9
--3
--12
--6
--15
VDS= --10V
VGS= --1.2V
--1.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com