Electronic Components Datasheet Search
  English  ▼

X  

BC848 Datasheet(PDF) 1 Page - AUK corp

Part # BC848
Description  NPN Silicon Transistor (General purpose application Switching application)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC848 Datasheet(HTML) 1 Page - AUK corp

  BC848 Datasheet HTML 1Page - AUK corp BC848 Datasheet HTML 2Page - AUK corp BC848 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-2008-000
1
BC848
NPN Silicon Transistor
Descriptions
• General purpose application
• Switching application
Features
• High voltage : VCEO=30V
• Complementary pair with BC858
Ordering Information
Type NO.
Marking
Package Code
BC848
SA
SOT-23
: hFE rank
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Base
2. Emitter
3. Collector
2.4
±0.1
1.30
±0.1
0.45~0.60
3
1
2
0.2 Min.


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC848 GE-BC848 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC848 INFINEON-BC848 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
logo
Diotec Semiconductor
BC848 DIOTEC-BC848 Datasheet
186Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846U AUK-BC846U Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846UF AUK-BC846UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847U AUK-BC847U Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848F AUK-BC848F Datasheet
81Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848U AUK-BC848U Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com