Electronic Components Datasheet Search
  English  ▼

X  

G5250 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5250
Description  Power Distribution Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5250 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5250 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.5
Sep 19, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5250
Global Mixed-mode Technology
Power Distribution Switch
Features
85m
Ω High-Side MOSFET
Available with 4 Versions of Current Limits with
Foldback
Operating Range:2.7V to 5.5V
400µS Typical Rise Time
Under Voltage Lockout
65µA Quiescent Supply Current
1µA Maximum Shutdown Supply Current
Logic Level Enable Pin, Available with
Active-High or Active-Low Version
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (
OC )
Available for 3 Kinds of Pin Out (G5250 E/F/G/H)
(G5250 I/J/K/L) (G5250M/N/P)
SOT-23-5 and TSOT-23-5 Package
UL Approved_#E232223
Nemko IEC 60950-1 CB/CCA_scheme certifica-
tion Report #67291
CSA Approved #230321
Applications
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits
General Description
The G5250 is an integrated 85m
Ω power switch for
self-powered and bus-powered Universal Serial Bus
(USB) applications.
Several Protection features include current limiting
with foldback, and thermal shutdown to prevent catas-
trophic switch failure caused by increasing power dis-
sipation when continuous heavy loads or short circuit
occurs. And a built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode
to eliminate any reversed current flow across the
switch when it is powered off.
G5250E/F/G/H, G5250I/J/K/L and G5250M/N/P has
open- drain
OC output reports over-current or
over-temperature event and has typical 9ms deglitch
timeout period.
Pin Configuration
Typical Application Circuit
R
UL Recognized Component
R
UL Recognized Component
VOUT
VIN
COUT
22µF
CIN
1µF
IN
EN
GND
OUT
ON
OFF
VOUT
VIN
COUT
22µF
CIN
1µF
IN
EN
GND
OUT
ON
OFF
FLAG
100k
Ω
OC
G5250A/B/C/D
G5250E/F/G/H,G5250I/J/K/L,G5250M/N/P
OUT
5
4
1
IN
2
3
GND
EN
OC
EN
OUT
SOT-23-5/TSOT-23-5
5
4
1
IN
2
3
GND
OUT
G5250A/B/C/D
G5250E/F/G/H
IN
EN
5
4
1
OC
2
3
GND
OUT
G5250M/N/P
(EN)
(EN)
(EN)
SOT-23-5/TSOT-23-5
SOT-23-5/TSOT-23-5
IN
EN
5
4
1
OC
2
3
GND
OUT
G5250I/J/K/L
(EN)
SOT-23-5/TSOT-23-5
VOUT
VIN
COUT
22µF
CIN
1µF
IN
EN
GND
OUT
ON
OFF
VOUT
VIN
COUT
22µF
CIN
1µF
IN
EN
GND
OUT
ON
OFF
FLAG
100k
Ω
OC
G5250A/B/C/D
G5250E/F/G/H,G5250I/J/K/L,G5250M/N/P
OUT
5
4
1
IN
2
3
GND
EN
OC
EN
OUT
SOT-23-5/TSOT-23-5
5
4
1
IN
2
3
GND
OUT
G5250A/B/C/D
G5250E/F/G/H
IN
EN
5
4
1
OC
2
3
GND
OUT
G5250M/N/P
(EN)
(EN)
(EN)
SOT-23-5/TSOT-23-5
SOT-23-5/TSOT-23-5
IN
EN
5
4
1
OC
2
3
GND
OUT
G5250I/J/K/L
(EN)
SOT-23-5/TSOT-23-5


Similar Part No. - G5250

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5250S GMT-G5250S Datasheet
101Kb / 1P
Power Distribution Switch
More results

Similar Description - G5250

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G557 GMT-G557 Datasheet
75Kb / 1P
Power Distribution Switch
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com