Electronic Components Datasheet Search
  English  ▼

X  

LC898113 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC898113
Description  Optical Image Stabilization / Controller & Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898113 Datasheet(HTML) 2 Page - ON Semiconductor

  LC898113 Datasheet HTML 1Page - ON Semiconductor LC898113 Datasheet HTML 2Page - ON Semiconductor LC898113 Datasheet HTML 3Page - ON Semiconductor LC898113 Datasheet HTML 4Page - ON Semiconductor LC898113 Datasheet HTML 5Page - ON Semiconductor LC898113 Datasheet HTML 6Page - ON Semiconductor LC898113 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LC898113
www.onsemi.com
2
Continued from preceding page.
 Stepping motor driver integrated in an MCP
Saturation driven H bridge 4ch
Built in thermal protection circuit
Built in low voltage malfunction prevention circuit
Built in transistor for photo sensor drive
Two driver power supplies (VM : for motor, VCC : for others)
 Operation Clock
Clock generated from built in oscillation amplifier
Clock input directly from CLKIN pin
Selection with MODE1 pin
Recommended drive frequency 24MHz, Permission drive frequency 15MHz to 36MHz
 Package
FLGA49 (4mm
 4mm)
Pb-Free
Halogen Free
 Power supply voltage (Typical voltage)
Logic LSI : Pin 3.3V, Inside 1.8V (External supply required)
Driver LSI : VM 5.0V, VCC 3.3V
Electrical Characteristics
Absolute Maximum Ratings at
at VSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
Power supply voltage
VDD18 max
Ta ≤25
C
-0.3 to 3.6
V
VDD33 max
Ta ≤25
C
-0.3 to 4.6
V
D.C. Characteristics: Input/output level/
VSS = 0V, VDD = 2.7 to 3.6V, Ta = -30 to 85C
Parameter
Symbol
Conditions
min
typ
max
unit
Applicable pin
High-level input voltage
VIH
CMOS schmidt
1.4
V
(1)
Low-level input voltage
VIL
0.36
V
High-level input voltage
VIH
CMOS schmidt
1.4
V
(2)
Low-level input voltage
VIL
0.50
V
High-level input voltage
VIH
CMOS schmidt
1.5
V
(3)
Low-level input voltage
VIL
0.36
V
*Applicable pin
(1)ZRESET
(2)CLKIN
(3)SCLK, MOSI
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com