Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 2 Page - AUK corp

Part # BC856
Description  PNP Silicon Transistor (General purpose application Switching application)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC856 Datasheet(HTML) 2 Page - AUK corp

  BC856 Datasheet HTML 1Page - AUK corp BC856 Datasheet HTML 2Page - AUK corp BC856 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2009-000
2
BC856
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-80
V
Collector-Emitter voltage
VCEO
-55
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BV
CEO
I
C=-2mA, IB=0
-55
-
-
V
Base-Emitter turn on voltage
V
BE(ON)
V
CE=-5V, IC=-2mA
-
-
-700
mV
Base-Emitter saturation voltage
V
BE(sat)
I
C=-100mA, IB=-5mA
-
-900
-
mV
Collector-Emitter saturation voltage
V
CE(sat)
I
C=-100mA, IB=-5mA
-
-
-650
mV
Collector cut-off current
I
CBO
V
CB=-35V, IE=0
-
-
-15
nA
DC current gain
h
FE
*
V
CE=-5V, IC=-2mA
110
-
800
-
Transition frequency
f
T
V
CB=-5V, IC=-10mA
-
150
-
MHz
Collector output capacitance
C
ob
V
CB=-10V, IE=0, f=1MHz
-
-
4.5
pF
Noise figure
NF
V
CE=-5V, IC=-200µA,
f=1KHz,Rg=2K
Ω
--
10
dB
* : h
FE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com