Electronic Components Datasheet Search
  English  ▼

X  

MMDF3N06HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF3N06HD
Description  N?묬hannel SO??, Dual Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N06HD Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF3N06HD Datasheet HTML 1Page - ON Semiconductor MMDF3N06HD Datasheet HTML 2Page - ON Semiconductor MMDF3N06HD Datasheet HTML 3Page - ON Semiconductor MMDF3N06HD Datasheet HTML 4Page - ON Semiconductor MMDF3N06HD Datasheet HTML 5Page - ON Semiconductor MMDF3N06HD Datasheet HTML 6Page - ON Semiconductor MMDF3N06HD Datasheet HTML 7Page - ON Semiconductor MMDF3N06HD Datasheet HTML 8Page - ON Semiconductor MMDF3N06HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
September, 2004 − Rev. XXX
1
Publication Order Number:
MMDF3N06HD/D
MMDF3N06HD
Preferred Device
Advance Information
Power MOSFET
3 Amps, 60 Volts
N−Channel SO−8, Dual
These miniature surface mount MOSFETs feature low RDS(on) and
true logic level performance. Dual MOSFET devices are designed for
use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc−dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be
used for low voltage motor controls in mass storage products such as
disk drives and tape drives.
• Low R
DS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• I
DSS Specified at Elevated Temperature
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current − Continuous @ TA = 25°C
ID
IDM
3.3
16.5
Adc
Apk
Source Current − Continuous @ TA = 25°C
IS
1.7
Adc
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 60 Vdc, VGS = 5.0 Vdc,
VDS = 32 Vdc, IL = 15 Apk, L = 10 mH,
RG = 25 Ω)
EAS
105
mJ
Thermal Resistance − Junction−to−Ambient
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. Mounted on G10/FR4 glass epoxy board using minimum recommended
footprint.
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
Source−1
1
2
3
4
8
7
6
5
Top View
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
1
8
Device
Package
Shipping
ORDERING INFORMATION
MMDF3N06HDR2
SO−8
2500 Tape & Reel
SO−8, Dual
CASE 751
STYLE 11
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
D
S
G
D3N06
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
3 AMPERES
60 VOLTS
RDS(on) = 100 mW
Preferred devices are recommended choices for future use
and best overall value.
D
S
G


Similar Part No. - MMDF3N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3N06HD MOTOROLA-MMDF3N06HD Datasheet
213Kb / 10P
DUAL TMOS POWER MOSFET 60 VOLTS
More results

Similar Description - MMDF3N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4N03R2 ONSEMI-NTMD4N03R2 Datasheet
80Kb / 8P
Power MOSFET 4 Amps, 30 Volts N?묬hannel SO?? Dual
May, 2004 ??Rev. 1
MMDF3N06VL ONSEMI-MMDF3N06VL Datasheet
52Kb / 4P
Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
April, 2004 ??Rev. 2
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
NTMD4N03R2G ONSEMI-NTMD4N03R2G Datasheet
126Kb / 8P
Power MOSFET 4 A, 30 V, N?묬hannel SO?? Dual
August, 2013 ??Rev. 4
MMDF2P01HD ONSEMI-MMDF2P01HD Datasheet
260Kb / 12P
P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
NTLUS3A90PZC ONSEMI-NTLUS3A90PZC Datasheet
138Kb / 6P
Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 0
NVDD5894NL ONSEMI-NVDD5894NL Datasheet
125Kb / 6P
Dual N?묬hannel Power MOSFET
December, 2013 ??Rev. 0
NVMFD5875NL ONSEMI-NVMFD5875NL Datasheet
82Kb / 6P
Dual N?묬hannel Power MOSFET
November, 2015 ??Rev. P1
MMSF7N03Z ONSEMI-MMSF7N03Z Datasheet
283Kb / 11P
N?묬hannel SO?? Power MOSFET
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com