Electronic Components Datasheet Search
  English  ▼

X  

BC856F Datasheet(PDF) 3 Page - AUK corp

Part # BC856F
Description  PNP Silicon Transistor (General purpose application Switching application)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC856F Datasheet(HTML) 3 Page - AUK corp

  BC856F Datasheet HTML 1Page - AUK corp BC856F Datasheet HTML 2Page - AUK corp BC856F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KST-2092-000
3
BC856F
Electrical Characteristic Curves
Fig. 3 I
C-VCE
Fig. 4 h
FE-IC
Fig. 5 V
CE(sat) -IC
Fig. 2 I
C-VBE
Fig. 1 P
C-Ta



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com