Electronic Components Datasheet Search
  English  ▼

X  

SM6453AB Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6453AB
Description  3-wire Serial Data Volume Control for Headphone Amplifiers IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6453AB Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6453AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6453AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM6453AB
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
3-wire Serial Data Volume Control for Headphone Amplifiers IC
OVERVIEW
The SM6453AB is a 3-wire serial data volume control for headphone amplifiers with built-in electronic vol-
ume control. Two switchable input systems are supported. It features bass boost function, auto gain control
function (AGC), power-down function, and beep input, making it ideal for use in portable electronic products.
FEATURES
I
2 stereo system inputs, 1 output system
I
12mW + 12mW output (standard, 16
Ω load, 2.0V
supply voltage)
I
Attenuation function
• 1.0dB step width
• 80-step
• + 12 to – 68dB variable range
I
Mute function
I
Low current consumption (2.3mA total, 2.4V sup-
ply voltage)
I
12dB voltage gain
I
Bass boost function (2 boost characteristics con-
trolled by external RC network)
I
Auto gain control function (AGC)
I
Beep sound input/output circuit
I
Power-down function
I
1.9 to 3.6V operating supply voltage range
I
Silicon-gate CMOS process
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
32-pin QFN
Device
Package
SM6453AB
32-pin QFN
1
2
3
4
5
13
12
11
10
16
15
14
28
29
30
31
32
26
27
MLEN
MCK
MDT
RSTN
MUTEN
6
7
8
25
24
23
22
21
20
19
18
PDN
BEEPI
VREF1
9
VREF2
BSTO
BEEPLO
LOUT
AVSS2
AVDD2
AVDD3
AVSS3
ROUT
17
BEEPRO
TBD


Similar Part No. - SM6453AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6453AB NPC-SM6453AB Datasheet
354Kb / 19P
3-wire Serial Data Volume Control for Headphone Amplifier IC
SM6453AB NPC-SM6453AB_02 Datasheet
354Kb / 19P
3-wire Serial Data Volume Control for Headphone Amplifier IC
More results

Similar Description - SM6453AB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
3 wire serial sound control IC
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
Serial Data Control Dual Electronic Volume
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Nippon Precision Circui...
SM6453AB NPC-SM6453AB_02 Datasheet
354Kb / 19P
3-wire Serial Data Volume Control for Headphone Amplifier IC
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
Serial Data Control Dual Electronic Volume
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
logo
Shenzhen Huazhimei Semi...
HM5264 HMSEMI-HM5264 Datasheet
351Kb / 3P
Headphone wire control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com