Electronic Components Datasheet Search
  English  ▼

X  

BC858F Datasheet(PDF) 1 Page - AUK corp

Part # BC858F
Description  PNP Silicon Transistor (General purpose application Switching application)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

BC858F Datasheet(HTML) 1 Page - AUK corp

  BC858F Datasheet HTML 1Page - AUK corp BC858F Datasheet HTML 2Page - AUK corp BC858F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-2094-000
1
BC858F
PNP Silicon Transistor
Descriptions
• General purpose application
• Switching application
Features
• High voltage : VCEO=-30V
• Complementary pair with BC848F
Ordering Information
Type NO.
Marking
Package Code
BC858F
VA
SOT-23F
: hFE rank
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Base
2. Emitter
3. Collector
3
1
2
2.4
±0.1
1.6
±0.1


Similar Part No. - BC858F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC858F PHILIPS-BC858F Datasheet
40Kb / 8P
PNP general purpose transistors
1999 May 21
logo
KODENSHI_AUK CORP.
BC858F KODENSHI-BC858F Datasheet
284Kb / 4P
General purpose application
More results

Similar Description - BC858F

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC856F AUK-BC856F Datasheet
91Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC856U AUK-BC856U Datasheet
91Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC857 AUK-BC857 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
91Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC857UF AUK-BC857UF Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC858 AUK-BC858 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC858U AUK-BC858U Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
BC858UF AUK-BC858UF Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
PNP Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com