Electronic Components Datasheet Search
  English  ▼

X  

INA333-HT Datasheet(PDF) 16 Page - Texas Instruments

Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA333-HT_15 Datasheet HTML 12Page - Texas Instruments INA333-HT_15 Datasheet HTML 13Page - Texas Instruments INA333-HT_15 Datasheet HTML 14Page - Texas Instruments INA333-HT_15 Datasheet HTML 15Page - Texas Instruments INA333-HT_15 Datasheet HTML 16Page - Texas Instruments INA333-HT_15 Datasheet HTML 17Page - Texas Instruments INA333-HT_15 Datasheet HTML 18Page - Texas Instruments INA333-HT_15 Datasheet HTML 19Page - Texas Instruments INA333-HT_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
INA333
47kW
47kW
INA333
10kW
Microphone,
Hydrophone,
etc.
Thermocouple
INA333
Centertapprovides
biascurrentreturn.
10kW
OPA333
±10mV
AdjustmentRange
100W
100W
100 A
m
1/2REF200
100 A
m
1/2REF200
V+
V-
R
G
INA333
Ref
V
O
V
IN-
V
IN+
INA333-HT
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
www.ti.com
INTERNAL OFFSET CORRECTION
Input circuitry must provide a path for this input bias
current for proper operation. Figure 36 illustrates
The INA333 internal op amps use an auto-calibration
various provisions for an input bias current path.
technique with a time-continuous 350-kHz op amp in
Without a bias current path, the inputs will float to a
the signal path. The amplifier is zero-corrected every
potential that exceeds the common-mode range of
8
μs using a proprietary technique. Upon power-up,
the INA333, and the input amplifiers will saturate. If
the amplifier requires approximately 100
μs to
the differential source resistance is low, the bias
achieve specified VOS accuracy. This design has no
current return path can be connected to one input
aliasing or flicker noise.
(see the thermocouple example in Figure 36). With
higher source impedance, using two equal resistors
OFFSET TRIMMING
provides a balanced input with possible advantages
of lower input offset voltage as a result of bias current
Most
applications
require
no
external
offset
and better high-frequency common-mode rejection.
adjustment; however, if necessary, adjustments can
be made by applying a voltage to the REF terminal.
Figure 35 shows an optional circuit for trimming the
output offset voltage. The voltage applied to REF
terminal is summed at the output. The op amp buffer
provides low impedance at the REF terminal to
preserve good common-mode rejection.
(1) REF200 and OPA333 are not tested or characterized at 210°C.
Figure 35. Optional Trimming of Output Offset
Voltage
Figure 36. Providing an Input Common-Mode
NOISE PERFORMANCE
Current Path
The auto-calibration technique used by the INA333
results in reduced low frequency noise, typically only
INPUT COMMON-MODE RANGE
50 nV/
√Hz, (G = 100). The spectral noise density can
be seen in detail in Figure 10. Low frequency noise of
The linear input voltage range of the input circuitry of
the INA333 is approximately 1
μVPP measured from
the INA333 is from approximately 0.1 V below the
0.1 Hz to 10 Hz, (G = 100).
positive supply voltage to 0.1 V above the negative
supply. As a differential input voltage causes the
INPUT BIAS CURRENT RETURN PATH
output voltage to increase, however, the linear input
range is limited by the output voltage swing of
The input impedance of the INA333 is extremely
amplifiers A1 and A2. Thus, the linear common-mode
high—approximately 100 G
Ω. However, a path must
input range is related to the output voltage of the
be provided for the input bias current of both inputs.
complete amplifier. This behavior also depends on
This input bias current is typically ±70 pA. High input
supply voltage—see Typical Characteristic curves
impedance
means
that
this
input
bias
current
Typical Common-Mode Range vs Output Voltage
changes very little with varying input voltage.
(Figure 22 to Figure 25).
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com