Electronic Components Datasheet Search
  English  ▼

X  

ISO5451DWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451DWR
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451DWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO5451DWR Datasheet HTML 25Page - Texas Instruments ISO5451DWR Datasheet HTML 26Page - Texas Instruments ISO5451DWR Datasheet HTML 27Page - Texas Instruments ISO5451DWR Datasheet HTML 28Page - Texas Instruments ISO5451DWR Datasheet HTML 29Page - Texas Instruments ISO5451DWR Datasheet HTML 30Page - Texas Instruments ISO5451DWR Datasheet HTML 31Page - Texas Instruments ISO5451DWR Datasheet HTML 32Page - Texas Instruments ISO5451DWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this
space free
from planes,
traces, pads,
and vias
Ground plane
Power plane
Low-speed traces
High-speed traces
ISO5451
www.ti.com
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
11 Power Supply Recommendations
To ensure reliable operation at all data rates and supply voltages, a 0.1-
μF bypass capacitor is recommended at
input supply pin VCC1 and 1-μF bypass capacitor is recommended at output supply pin VCC2. The capacitors
should be placed as close to the supply pins as possible. Recommended placement of capacitors needs to be
2-mm maximum from input and output power supply pin (VCC1 and VCC2).
12 Layout
12.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 53). Layer stacking should
be in the following order (top-to-bottom): high-current or sensitive signal layer, ground plane, power plane and
low-frequency signal layer.
•
Routing the high-current or sensitive traces on the top layer avoids the use of vias (and the introduction of
their inductances) and allows for clean interconnects between the gate driver and the microcontroller and
power transistors. Gate driver control input, Gate driver output OUT and DESAT should be routed in the top
layer.
•
Placing a solid ground plane next to the sensitive signal layer provides an excellent low-inductance path for
the return current flow. On the driver side, use GND2 as the ground plane.
•
Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/inch2. On the gate-driver VEE2 and VCC2 can be used as power planes. They can share
the same layer on the PCB as long as they are not connected together.
•
Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
For more detailed layout recommendations, including placement of capacitors, impact of vias, reference planes,
routing etc. see Application Note SLLA284, Digital Isolator Design Guide.
12.2 PCB Material
Standard FR-4 epoxy-glass is recommended as PCB material. FR-4 (Flame Retardant 4) meets the
requirements of Underwriters Laboratories UL94-V0, and is preferred over cheaper alternatives due to its lower
dielectric losses at high frequencies, less moisture absorption, greater strength and stiffness, and its self-
extinguishing flammability-characteristics.
12.3 Layout Example
Figure 53. Recommended Layer Stack
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com