Electronic Components Datasheet Search
  English  ▼

X  

DP500F Datasheet(PDF) 1 Page - AUK corp

Part # DP500F
Description  PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

DP500F Datasheet(HTML) 1 Page - AUK corp

  DP500F Datasheet HTML 1Page - AUK corp DP500F Datasheet HTML 2Page - AUK corp DP500F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-8014-000
1
DP500F
PNP Silicon Transistor
Description
• Extremely low collector-to-emitter saturation voltage
( V
CE(SAT)=-0.2V Typ. @IC /IB=-3A/-150mA)
• Suitable for low voltage large current drivers
• Excellent hFE Linearity
• Complementary pair with DN500F
Ordering Information
Type NO.
Marking
Package Code
DP500F
P5
SOT-89
: h
FE rank, monthly code
Outline Dimensions
unit : mm
7
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Base
2. Collector
3. Emitter
4.0
0.50
±0.1
3
1
2
-0.3
+0.5
2.5
-0.3
+0.2
1.00
±0.3


Similar Part No. - DP500F

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP500F AUK-DP500F Datasheet
250Kb / 4P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
Suitable for low voltage large current drivers
logo
AUK corp
DP500F AUK-DP500F_05 Datasheet
250Kb / 4P
PNP Silicon Transistor
More results

Similar Description - DP500F

ManufacturerPart #DatasheetDescription
logo
AUK corp
DN500 AUK-DN500 Datasheet
51Kb / 3P
NPN Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
DN500F AUK-DN500F Datasheet
47Kb / 3P
NPN Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
DP500 AUK-DP500 Datasheet
51Kb / 3P
PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
DP030S AUK-DP030S Datasheet
72Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
KODENSHI_AUK CORP.
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN030E KODENSHI-DN030E Datasheet
57Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP030 KODENSHI-DP030 Datasheet
66Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com