Electronic Components Datasheet Search
  English  ▼

X  

G5682 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5682
Description  Step-Down DC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5682 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5682 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Dec 09, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5682
Global Mixed-mode Technology Inc.
Step-Down DC/DC
Features
2A Output Current
150m
Ω Internal Power MOSFET Switch
Stable with Low ESR Output Ceramic Capaci-
tors
Up to 95% Efficiency
Less Than 1µA Shutdown Current
Wide Switching Frequency Range from
300kHz~1.4MHz
Thermal Shutdown
Cycle-by-Cycle Over Current Protection
Output Adjustable from 0.8V to VIN
Available in SOP-8 Package
Applications
TV
Distributed Power Systems
Pre-Regulator for Linear Regulators
General Description
The G5682 is a monolithic step-down switch mode
regulator with a built in internal power MOSFET. It
achieves 2A continuous output current over a wide
switching frequency range with excellent load and line
regulation.
Current mode operation provides fast transient re-
sponse and eases of loop stabilization.
Fault condition protection includes cycle-by-cycle cur-
rent limiting, output short circuit protection and thermal
shutdown. In shutdown mode the regulator draws less
than 1µA of supply current. Internal soft-start minimizes
the inrush supply current at initial startup.
The G5682 requires a minimum number of readily
available standard external components. It is available
in SOP-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5682P11U
G5682
-40°C to +85°C
SOP-8
Note: P1: SOP-8
1 : Bonding Code
U : Tape & Reel
Pin Configuration
Typical Application Circuit
SOP-8
EN
8
6
5
1
2
3
4
COMP
GND
IN
FB
FREQ
LX
*
LX
G5682
7
VOUT = 0.8V x
( 1 +
)
R1
R2
EN
COMP
FB
LX
GND
D1
10µH
R1
R2
IN
0.1µF
VOUT
3.3V/2A
G5682
220µF
Electrolytic
VIN
5V
C
C
10µF
R
C
ON
OFF
FREQ
C
C2
optional
NC
EN
COMP
FB
LX
GND
VIN
5V
D1
10µH
R1
R2
C
C2
optional
IN
C
C
22µF
MLCC
VOUT
3.3V/2A
10µF
R
C
G5682
ON
OFF
FREQ
NC
*Pin#6 should be considered as LX when circuit
design and PCB layout, but it is NC pin actually.
SOP-8
EN
8
6
5
1
2
3
4
COMP
GND
IN
FB
FREQ
LX
*
LX
G5682
7
VOUT = 0.8V x
( 1 +
)
R1
R2
EN
COMP
FB
LX
GND
D1
10µH
R1
R2
IN
0.1µF
VOUT
3.3V/2A
G5682
220µF
Electrolytic
VIN
5V
C
C
10µF
R
C
ON
OFF ON
OFF
FREQ
C
C2
optional
NC
EN
COMP
FB
LX
GND
VIN
5V
D1
10µH
R1
R2
C
C2
optional
IN
C
C
22µF
MLCC
VOUT
3.3V/2A
10µF
R
C
G5682
ON
OFF ON
OFF
FREQ
NC
*Pin#6 should be considered as LX when circuit
design and PCB layout, but it is NC pin actually.


Similar Part No. - G5682

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5684 GMT-G5684 Datasheet
102Kb / 1P
Step-Down DC/DC
More results

Similar Description - G5682

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Global Mixed-mode Techn...
G5684 GMT-G5684 Datasheet
102Kb / 1P
Step-Down DC/DC
G5655 GMT-G5655 Datasheet
99Kb / 1P
2A Step-down DC/DC
G5764 GMT-G5764 Datasheet
81Kb / 1P
3A Step-down DC/DC
G5762 GMT-G5762 Datasheet
83Kb / 1P
2A Step-down DC/DC
logo
Texas Instruments
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com