Electronic Components Datasheet Search
  English  ▼

X  

S324 Datasheet(PDF) 2 Page - AUK corp

Part # S324
Description  Low Power Quad OP AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S324 Datasheet(HTML) 2 Page - AUK corp

  S324 Datasheet HTML 1Page - AUK corp S324 Datasheet HTML 2Page - AUK corp S324 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSI-K001-000
2
S324
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
36 or ±18
V
Differential input voltage
VIND
36
V
Input voltage
VIN
-0.3 ~ +36
V
Power Dissipation
PD
300
mW
Operating temperature
Topr
-40 ~ +85
°C
Storage temperature
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V, VEE = GND and –40 °C ≤ Ta ≤ +85 °C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Input offset voltage
VIOS
VCC = 5~30V
Rg = 0Ω
-
2
7
mV
Input offset current
IIOS
-
-
5
30
nA
Input bias current
IIB
-
-
45
150
nA
Input common mode
voltage range
VICR
VCC = 30V
0
-
VCC
–1.5
V
Supply current
ICC
RL = ∞, All Channel
-
0.7
1.2
mA
Large signal voltage
gain
GV
VCC = 15V
RL ≥ 2 KΩ
86
100
-
dB
VCC = 30V
RL=2 KΩ
26
-
-
VOH
RL=10 KΩ
27
28
-
V
Output voltage swing
VOL
VCC =5V, RL ≤10 KΩ
-
5
20
mV
Common mode
rejection ratio
CMRR
(Ta=25 °C)
65
85
-
dB
Power supply
rejection ratio
PSRR
(Ta=25 °C)
65
100
-
dB
Output source current
IO+
VCC = 15V
VIN+ = 1V, VIN- = 0V
20
40
-
mA
VCC = 15V
VIN+ = 0V, VIN- = 1V
10
20
-
mA
Output sink current
IO-
VOUT = 200mV,
VIN+= 0V, VIN-= 1V, VCC= 15V
12
45
-
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com