Electronic Components Datasheet Search
  English  ▼

X  

S339 Datasheet(PDF) 2 Page - AUK corp

Part # S339
Description  Quad Voltage Comparator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S339 Datasheet(HTML) 2 Page - AUK corp

  S339 Datasheet HTML 1Page - AUK corp S339 Datasheet HTML 2Page - AUK corp S339 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSI-K002-000
2
S339
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
36 or ±18
V
Differential input voltage
VIND
36
V
Input voltage
VIN
-0.3 ~ +36
V
Power Dissipation
PD
300
mW
Operating temperature
Topr
-40 ~ +85
°C
Storage temperature
Tstg
-65 ~ 150
°C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V and –40 °C ≤ Ta ≤ +85 °C)
Characteristic
Symbol
Test Condition
Min. Typ.
Max.
Unit
Input Offset Voltage
VIOS
VO = 1.4V, Rs = 0Ω
-
±2
±5
mV
Input Offset Current
IIOS
-
-
±5
±50
nA
Input Bias Current
IIB
-
-
25
250
nA
Input Common Mode
Voltage Range
VICR
-
0
-
VCC –1.5
V
Supply Current
ICC
VCC = 5V, RL = ∞, All Channel
-
0.8
2
mA
Large Signal Voltage Gain
AV
VCC = 15V , RL = 15 KΩ
-
200
-
V/mV
Output Voltage (‘L’ Level)
VSAT
VIN+= 0V, VIN-= 1V
ISINK≤ 4mA
-
130
400
mV
Response Time
tRES
VRC = 5V, RL = 5.1KΩ
-
1.3
-
uS
Output Sink Current
ISINK
VO≤1.5V,
VIN+ = 0V, VIN- = 1V
6
16
-
mA
Output Leakage Current
ILeak
VO = 5V
VIN+ = 1V, VIN- = 0V
-
0.1
-
nA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com