Electronic Components Datasheet Search
  English  ▼

X  

SM6503AH Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6503AH
Description  Diode Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6503AH Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6503AH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6503AH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6503AH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6503AH Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM6503A
NIPPON PRECISION CIRCUITS INC.—1
Diode Array for ESD Protection
OVERVIEW
The SM6503A is the Diode array for ESD protection. 5 circuits consisted of diode element are integrated into
ultra-small 6 pin plastic package. It is the most appropriate to protect the external interface circuit of portable
equipment which requires miniaturization from ESD.
FEATURES
I
± 12kV ESD immunity level (IEC61000-4-2 con-
tact discharge)
I
Clamp voltage: 7.5V typ.
I
Low capacitance: 10pF typ.
I
5 circuits integrated into one package
I
Ultra-small package
• SM6503AD: 6-pin SON
• SM6503AH: SOT23-6
APPLICATIONS
I
Cellular phone
I
PDA
I
Set Top Box
I
Digital Still Camera
ORDERING INFORMATION
PACKAGE DIMENSIONS
(Unit: mm)
SM6503AD (6-pin SON)
SM6503AH (SOT23-6)
Device
Package
SM6503AD
6-pin SON
SM6503AH
SOT23-6
1.1
0.05
1.6
0.3 typ.
0.5
M
0.05
0.2
− 0.05
+ 0.1
0.4
± 0.1
0.12 M
1.9
± 0.2
0.1
0.15
+ 0.1
− 0.05
0.95
2.9
± 0.2


Similar Part No. - SM6503AH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
RC Network with ESD Protection
More results

Similar Description - SM6503AH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
ESD Protection Diode Array
02-Jun-03
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
ESD Protection Diode Array
02-Mar-05
logo
Surge Components
SESLC5VT236-6U SURGE-SESLC5VT236-6U Datasheet
264Kb / 5P
ESD Protection Diode Array
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
ESD Protection Diode Array
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
ESD Protection Diode Array
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
ESD Protection Diode Array
ESDT23A24V02V JINGHENG-ESDT23A24V02V Datasheet
513Kb / 4P
ESD Protection Diode Array
ESDT23C5V02V JINGHENG-ESDT23C5V02V Datasheet
432Kb / 4P
ESD Protection Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com