Electronic Components Datasheet Search
  English  ▼

X  

S3882P Datasheet(PDF) 2 Page - AUK corp

Part # S3882P
Description  Current Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S3882P Datasheet(HTML) 2 Page - AUK corp

  S3882P Datasheet HTML 1Page - AUK corp S3882P Datasheet HTML 2Page - AUK corp S3882P Datasheet HTML 3Page - AUK corp S3882P Datasheet HTML 4Page - AUK corp S3882P Datasheet HTML 5Page - AUK corp S3882P Datasheet HTML 6Page - AUK corp S3882P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KSI-L008-000
2
S3882P
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Supply Voltage
Vcc
28
V
Output Current
Io
1
A
Analog Inputs
Vi(ana)
-0.3 to 6.3
V
Error Amp. Output Sink current
Isink(EA)
10
mA
Power Dissipation
Pd
1
W
Electrical Characteristics
(Vcc=15V, Rt=10Kohm,Ct=3.3nF, Ta=0℃ to 70℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ. Max.
Unit
1. Reference Section
Output Voltage
Vref
Tj=25℃, Io=1mA
4.91
5.00
5.09
V
Line Regulation
Δ
Vref
12V ≤ VCC ≤ 25V
-
6
20
mV
Load Regulation
Δ
Vref
1mA ≤ IO ≤ 20mA
-
6
25
mV
Output Short Current
Isc
Ta=25
°C
-180
-100
-
mA
2. Oscillator Section
Initial Accuracy
fOSC
Tj=25℃
47
52
57
KHz
Voltage Stability
△
f /△V
12V ≤ VCC ≤ 25V
-
0.2
1.0
%
Oscillator Voltage
VOSC
Vpin4, peak to peak
1.4
1.7
1.8
V
Discharge Current
Idischarge
Tj=25
°C, Pin4=2V
7.8
8.3
8.8
mA
3. Error Amp Section
Input Voltage
V2
VPIN1=2.5V
2.42
2.50
2.58
V
Input Bias Current
Ib
-
-2.0
-0.3
-
㎂
Open Loop Voltage Gain
AVO1
2V ≤ VO ≤ 4V
65
90
-
㏈
Unity Gain Bandwidth
GBW
Tj=25
°C
0.7
1
-
MHz
PSRR
PSRR1
VCC=12V to 25V
60
70
-
㏈
Output Sink Current
ISINK
VPIN2=2.7V, VPIN1=1.1V
2
6
-
mA
Output Source Current
ISOURCE
VPIN2=2.3V, VPIN1=5V
-0.8
-0.5
mA
Output High Voltage
VOH
Vpin2=2.3V, R1=15 ㏀ to GN
5
6
-
V
Output Low Voltage
VOL
VPIN2=2.3V, R1=15 ㏀ to PIN8
-
0.8
1.1
V
4. Current Sense Section
Gain
GV
-
2.85
3.0
3.15
V/V
Maximum Input Signal
Vi(MaX)
VPIN 1=5V
0.9
1.0
1.1
V
PSRR
PSRR2
12V ≤ VCC ≤ 25V
-
70
-
㏈
Input Bias Current
I bias
-
-10
-2
-
㎂
Delay to Output
Td
VPIN 3=0V to 2V
-
100
200
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com