Electronic Components Datasheet Search
  English  ▼

X  

PE7422 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7422
Description  0 to 90 dB Dial Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts Up To 4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7422 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7422 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Continuously Variable, Bidirectional Attenuator
Connector 1
SMA Female
Connector 2
SMA Female
Electrical Specifications Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Impedance
50
Ohms
Attenuation Value
0 to 90
dB
Step Type
Dial
Input Power
5
Watts
Peak Power
500
Watts
Insertion Loss
5
dB
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 1,000
1 to 2
2 to 3
3 to 4
MHz
VSWR
1.5:1
1.6:1
1.7:1
1.8:1
.
Mechanical Specifications
Temperature
Operating Range
-55 to +125 deg C
Size
Length
2.38 in [60.45 mm]
Width
4.52 in [114.81 mm]
Height
4.52 in [114.81 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
SMA Female
Connector Specification
MIL-STD-348
MIL-STD-348
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
PE7422
PE7422 REV 1.0
0 to 90 dB Dial Continuously Variable Attenuator, SMA
Female To SMA Female Rated To 5 Watts Up To 4 GHz


Similar Part No. - PE7422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7420-10 PASTERNACK-PE7420-10 Datasheet
301Kb / 3P
10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7420-20 PASTERNACK-PE7420-20 Datasheet
301Kb / 3P
20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7420-3 PASTERNACK-PE7420-3 Datasheet
301Kb / 3P
3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7420-30 PASTERNACK-PE7420-30 Datasheet
301Kb / 3P
30 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7420-40 PASTERNACK-PE7420-40 Datasheet
301Kb / 3P
40 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results

Similar Description - PE7422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-1 PASTERNACK-PE7065-1_14 Datasheet
369Kb / 2P
0 to 7 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-2 PASTERNACK-PE7065-2_14 Datasheet
369Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-4 PASTERNACK-PE7065-4_14 Datasheet
368Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-5 PASTERNACK-PE7065-5_14 Datasheet
369Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-7 PASTERNACK-PE7065-7_14 Datasheet
368Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-10 PASTERNACK-PE7065-10_14 Datasheet
369Kb / 2P
0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-11 PASTERNACK-PE7065-11_14 Datasheet
369Kb / 2P
0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-12 PASTERNACK-PE7065-12_14 Datasheet
368Kb / 2P
0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-13 PASTERNACK-PE7065-13_14 Datasheet
368Kb / 2P
0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-14 PASTERNACK-PE7065-14_14 Datasheet
369Kb / 2P
0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com