Electronic Components Datasheet Search
  English  ▼

X  

G982 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G982
Description  300mA Low-Noise LDO Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G982 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G982 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.6
Apr 20, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G982
Global Mixed-mode Technology Inc.
300mA Low-Noise LDO Regulators
Features
Low, 90μA No-Load Supply Current
Guaranteed 300mA Output Current
Dropout Voltage is 200mV @ 150mA Load
PSRR=53dB @ 1kHz
Over-Temperature Protection and Short-Circuit
Protection
Max. Supply Current in Shutdown Mode < 1μA
Low Output Noise at 28μVRMS
Stable with low cost ceramic capacitors
Output voltage: 4.75V
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Audio Codec
General Description
The G982 is a low supply current, low dropout linear
regulator that comes in a space saving MSOP8 pack-
age. The supply current at no-load is 90μA. In the
shutdown mode, the maximum supply current is less
than 1μA. Operating voltage range of the G982 is from
5V to 5.5V. The over-current protection limit is set at
550mA typical and 400mA minimum. An over-tem-
perature protection circuit is built-in in the G982 to
prevent thermal overload. These power saving fea-
tures make the G982 ideal for use in the battery- pow-
ered applications such as notebook computers, cellu-
lar phones, and PDA’s.
Ordering Information
For other output voltage, please contact us at sales@gmt.com.tw
Note: P8: MSOP- 8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
ORDER
NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
G982-475P81U
982-475
4.75V
-40°C~ +85°C
MSOP-8
VIN
OUT
GND
SHDN
G982
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
4.7µF
BYP
CBYP
10nF
GND
8
6
5
1
2
3
4
BYP
NC
VIN
SHDN
NC
NC
OUT
MSOP-8
G982
7
VIN
OUT
GND
SHDN
G982
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
4.7µF
BYP
CBYP
10nF
GND
8
6
5
1
2
3
4
BYP
NC
VIN
SHDN
NC
NC
OUT
MSOP-8
G982
7


Similar Part No. - G982

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
InGaAs PIN photodiode with preamp
G9821 HAMAMATSU-G9821 Datasheet
234Kb / 3P
InGaAs PIN photodiodes with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
More results

Similar Description - G982

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Linear Technology
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com