Electronic Components Datasheet Search
  English  ▼

X  

G975 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G975
Description  2A Low Dropout Regulator with Enable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G975 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G975 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Apr 27, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G975
Global Mixed-mode Technology Inc.
2A Low Dropout Regulator with Enable
Features
Adjustable Output Low to 0.8V
260mV Dropout @ 2A, VO 1.2V
Over Current and Over Temperature Protection
Enable Pin
Low Reverse Leakage (Output to Input )
Power SOP-8 (FD) Packages with Thermal Pad
±2% Output Voltage
VO Power OK Signal
1.05V, 1.2V, 1.8V and 2.5V Options by Setting
ADJ Pin Below 0.2V and Adjustable Externally
Using Resistors
VO Pull Low Resistance when Disable
VO Soft Start when Enable
Applications
Motherboards
Peripheral Cards
Network Cards
Set Top Boxes
Notebook Computers
General Description
The G975 is a high performance positive voltage
regulator designed for use in applications requiring
very low Input voltage and very low dropout voltage at
up to 2 amps. It operates with VPP voltage 5V and
output voltage programmable as low as 0.8V. The
G975 features ultra low dropout, ideal for applications
where VOUT is very close to VIN. Additionally, the G975
has an enable pin to further reduce power dissipation
while shutdown. The G975 provides excellent regula-
tion over variations in line, load and temperature. The
G975 provides a power OK signal to indicate if the
voltage level of VO reaches 92% of its rating value.
The G975 is available in the power SOP-8 (FD) pack-
age. It is available with 1.05V, 1.2V, 1.8V and 2.5V
internally preset outputs that are also adjustable using
external resistors.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G975-105ADJF11U
975-105
-40°C~+85°C
SOP-8 (FD)
G975-120ADJF11U
975-120
-40°C~+85°C
SOP-8 (FD)
G975-180ADJF11U
975-180
-40°C~+85°C
SOP-8 (FD)
G975-250ADJF11U
975-250
-40°C~+85°C
SOP-8 (FD)
Note: F1: SOP-8 (FD)
1: Bonding Code
U : Tape & Reel
e.g. 105 denotes the 1.05V output voltage
Pin Configuration
Typical Application Circuit
VIN
VO
R1
R2
VEN
VIN
VO
ADJ
GND
G975
0.8 (R1+R2)
VO =
R2
Volts
C1
20µF
C2
20µF
R2<120k
Ω is recommended
VPP
VPP (5V)
VO
8
6
5
1
2
3
4
GND
ADJ
VO
Top View
SOP-8 (FD)
G975
7
VEN
POK
VPP
VIN
POK
VIN
10k
Ω
C
PP
1µF
Thermal
Pad
* Thermal Pad can be connected to VIN
** Connect Thermal Pad to ground plate will
have better thermal performance
VIN
VO
R1
R2
VEN
VIN
VO
ADJ
GND
G975
0.8 (R1+R2)
VO =
R2
Volts
C1
20µF
C2
20µF
R2<120k
Ω is recommended
VPP
VPP (5V)
VO
8
6
5
1
2
3
4
GND
ADJ
VO
Top View
SOP-8 (FD)
G975
7
VEN
POK
VPP
VIN
POK
VIN
10k
Ω
C
PP
1µF
Thermal
Pad
* Thermal Pad can be connected to VIN
** Connect Thermal Pad to ground plate will
have better thermal performance


Similar Part No. - G975

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G972 GMT-G972 Datasheet
74Kb / 1P
5A Low Dropout Regulator with Enable
G973 GMT-G973 Datasheet
48Kb / 1P
4A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
4A Low Dropout Regulator with Enable
G977 GMT-G977 Datasheet
62Kb / 1P
7A Low Dropout Regulator with Enable
G978 GMT-G978 Datasheet
62Kb / 1P
6A Low Dropout Regulator with Enable and Voltage Selection
More results

Similar Description - G975

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
2A Low Dropout Regulator with Enable
G962 GMT-G962_07 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G966 GMT-G966 Datasheet
46Kb / 1P
2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
2A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com