Electronic Components Datasheet Search
  English  ▼

X  

PE44994 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44994
Description  7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44994 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44994 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44994 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Connector Specification
IEC 169-4
Connector Interface Type
PE-C240,LMR-240,RG8X
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
1.82 [46.23]
Width/Dia., in [mm]
1.25 [31.75]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in.
1 1/4
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X PE44994
URL: http://www.pasternack.com/7-16-male-standard-pe-c240-lmr-240-rg8x-connector-pe44994-p.aspx
PE44994
PE44994 REV 1.1
7/16 DIN Male Connector Crimp/Solder
Attachment For PE-C240, LMR-240, RG8X


Similar Part No. - PE44994

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44995 PASTERNACK-PE44995 Datasheet
316Kb / 2P
N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
PE44996 PASTERNACK-PE44996 Datasheet
420Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment for RG402, PE-P141, PE-SR402FLJ
More results

Similar Description - PE44994

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44549 PASTERNACK-PE44549 Datasheet
212Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44676 PASTERNACK-PE44676 Datasheet
206Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, PE-C240, LMR-240
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44665 PASTERNACK-PE44665 Datasheet
206Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44636 PASTERNACK-PE44636 Datasheet
207Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com